Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1400R12IP4D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DF1400R12IP4D
Description  PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF1400R12IP4D Datasheet(HTML) 2 Page - Infineon Technologies AG

  DF1400R12IP4D Datasheet HTML 1Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 2Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 3Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 4Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 5Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 6Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 7Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 8Page - Infineon Technologies AG DF1400R12IP4D Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
DF1400R12IP4D
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Chopper / IGBT-chopper
Höchstzulässige Werte / maximum rated values
D
:
&
*
*
7<= 0 "T
(-./
(
D
:
+
*
8
+
7- 0
T F 7<= 0 U"T
1-234
K
8
D
:
E
:
V 0
1-56
A
(
*
9
7- 0 "T F 7<= 0 U"T
KI3I
UFU
:L
A
&
E
*
*
:
*
(W./
X,
(
Charakteristische Werte / characteristic values
?
D
:
&
) *
*
*
*
1- 0
F (W. 0 " (
1- 0
F (W. 0 " (
1- 0
F (W. 0 " (
(-. GHI
FU"
F "
F "
F
(
(
(
7<= 0 "T
7<= 0
"T
7<= 0 " T
A
89
*
*
8
8
*
1- 0
F
F (-. 0 (W.F 7<= 0 "T
(W.IY
"F
"F
RF"
(
A
*
*
8 *
(W. 0
" (
X " (
ZW
FR
[
1
A
9
*
7<= 0 "T
NW\2I
F
]
& *
* :
E )
0
CEF 7<= 0 "T F (-. 0 " (F (W. 0
(
\^G
F
;
NM :9 :
* :
E )
0
CEF 7<= 0 "T F (-. 0 " (F (W. 0
(
_^G
FR
;
D
:
&
N
(-. 0
(F (W. 0
(F 7<= 0 "T
1-./
"F
A
&
N
*
: *
(-. 0
(F (W. 0
(F 7<= 0 "T
1W./
&
8
E`*
* E
%
$
'
%
'
1- 0
F (-. 0 R
(
(W. 0 a " (
NW32 0 F ]
b 32
F
F
F
[
[
[
7<= 0 "T
7<= 0
"T
7<= 0 " T
* E
%
:
$
'
%
'
1- 0
F (-. 0 R
(
(W. 0 a " (
NW32 0 F ]
_
F
F !
F !
[
[
[
7<= 0 "T
7<= 0
"T
7<= 0 " T
8
E`*
* E
%
$
'
%
'
1- 0
F (-. 0 R
(
(W. 0 a " (
NW3cc 0 F ]
b 3cc
F U
F "
F U
[
[
[
7<= 0 "T
7<= 0
"T
7<= 0 " T
;
E
%
:
$
'
%
'
1- 0
F (-. 0 R
(
(W. 0 a " (
NW3cc 0 F ]
c
F
F !
F !
[
[
[
7<= 0 "T
7<= 0
"T
7<= 0 " T
&
8
*
K
*
1- 0
F (-. 0 R
(F $/ 0 !
C
(W. 0 a " (F
,
0 R
,[ %7<=0 " T '
NW32 0 F ]
&32
R"F
F
"F
d
d
d
7<= 0 "T
7<= 0
"T
7<= 0 " T
8
*
K
*
1- 0
F (-. 0 R
(F $/ 0 !
C
(W. 0 a " (F
,
0 U
(,[ %7<=0 " T '
NW3cc 0 F ]
&3cc
"
d
d
d
7<= 0 "T
7<= 0
"T
7<= 0 " T
D E
8
8
(W. e " (F (-- 0
(
(-.4Hf 0 (-./ $G-. g
,
1/-
"R
7<= 0 " T
V e
[ F
1
L)
9
8
F h
1AO7 ,
1AO7
NIYi-
F" D,:L
j
*
* L)
9
8
F
8
:
1AO7 ,
1AO7
kVHGI^ 0
L,% gD' , kl_^HG^ 0
L,% gD'
NIY-m
F!
D,:L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com