Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2005ATRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP2005ATRPBF
Description  High Frequency Synchronous Buck Optimized LGA Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005ATRPBF Datasheet(HTML) 1 Page - International Rectifier

  IP2005ATRPBF Datasheet HTML 1Page - International Rectifier IP2005ATRPBF Datasheet HTML 2Page - International Rectifier IP2005ATRPBF Datasheet HTML 3Page - International Rectifier IP2005ATRPBF Datasheet HTML 4Page - International Rectifier IP2005ATRPBF Datasheet HTML 5Page - International Rectifier IP2005ATRPBF Datasheet HTML 6Page - International Rectifier IP2005ATRPBF Datasheet HTML 7Page - International Rectifier IP2005ATRPBF Datasheet HTML 8Page - International Rectifier IP2005ATRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PD-60325
iP2005APbF
High Frequency Synchronous Buck
Optimized LGA Power Stage
Integrated Power Semiconductors, Driver IC, & Passives
Features
•
40A Multiphase building block
•
No de-rating up to T
PCB = 95ºC
•
Optimized for low power loss
•
Optimized for low EMI
•
Bias supply range of 4.5V to 7.0V
•
Operation up to 1.5MHz
•
Bi-directional Current flow
•
Under Voltage Lockout
•
LGA interface
•
7.65mm x 7.65mm outline
Description
The iP2005A is a fully optimized solution for high current
synchronous buck multiphase applications. Board space
and design time are greatly reduced because most of
the components required for each phase of a typical
discrete-based multiphase circuit are integrated into a
single 7.65mm x 7.65mm x 1.66mm power block. The
additional
components
required
for
a
complete
multiphase converter are a PWM controller, the output
inductors, and the input and output capacitors.
iPOWIR Technology offers designers an innovative
board space saving solution for applications requiring
high power densities. iPOWIR technology eases design
for applications where component integration offers
benefits in performance and functionality.
iPOWIR
technology solutions are also optimized internally for
layout, heat transfer, and component selection.
Applications
•
High Frequency, Low Profile DC-DC
•
Multi-phase Architectures
•
Low Duty Cycle, High Current solutions
•
Microprocessor Power Supplies
•
General DC/DC Converters
Package
Description
Interface
Connection
Standard
Quantity
T & R
Orientation
iP2005APbF
LGA
10
N/A
iP2005ATRPbF
LGA
2000
Figure 15
2/8/2008
www.irf.com
Typical Application
1
iP2005A Product Efficiency
V
IN = 12V, FSW = 1MHz, & TBLK = 125ºC
70
72
74
76
78
80
82
84
86
88
90
92
94
4
6
8
10
121416
182022
242628
303234
363840
Output Current (A)
Vo = 3.3V
Vo = 2.5V
Vo = 1.8V
Vo = 1.3V


Similar Part No. - IP2005ATRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
More results

Similar Description - IP2005ATRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2004 IRF-IP2004 Datasheet
415Kb / 15P
SYNCHRONOUS BUCK LGA POWER BLOCK
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
Synchronous Buck FET Driver Optimized for High-Frequency Applications
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
logo
International Rectifier
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
logo
Texas Instruments
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com