Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS6044GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IPS6044GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6044GPBF Datasheet(HTML) 2 Page - International Rectifier

  IPS6044GPBF Datasheet HTML 1Page - International Rectifier IPS6044GPBF Datasheet HTML 2Page - International Rectifier IPS6044GPBF Datasheet HTML 3Page - International Rectifier IPS6044GPBF Datasheet HTML 4Page - International Rectifier IPS6044GPBF Datasheet HTML 5Page - International Rectifier IPS6044GPBF Datasheet HTML 6Page - International Rectifier IPS6044GPBF Datasheet HTML 7Page - International Rectifier IPS6044GPBF Datasheet HTML 8Page - International Rectifier IPS6044GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPS6044GPbF
www.irf.com
2
Qualification Information
†
Automotive
(per AEC-Q100
††)
Qualification Level
Comments: This family of ICs has passed an Automotive qualification. IR’s
Industrial and Consumer qualification level is granted by extension of the
higher Automotive level.
Moisture Sensitivity Level
SOIC28W
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
Machine Model
Class B
(per JEDEC standard JESD22-A115)
ESD
Human Body Model
Class 1C
(per EIA/JEDEC standard EIA/JESD22-A114)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Exceptions to AEC-Q100 requirements are noted in the qualification report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com