Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3502AMTRPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3502AMTRPBF
Description  XPHASE3TM CONTROL IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502AMTRPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3502AMTRPBF Datasheet HTML 25Page - International Rectifier IR3502AMTRPBF Datasheet HTML 26Page - International Rectifier IR3502AMTRPBF Datasheet HTML 27Page - International Rectifier IR3502AMTRPBF Datasheet HTML 28Page - International Rectifier IR3502AMTRPBF Datasheet HTML 29Page - International Rectifier IR3502AMTRPBF Datasheet HTML 30Page - International Rectifier IR3502AMTRPBF Datasheet HTML 31Page - International Rectifier IR3502AMTRPBF Datasheet HTML 32Page - International Rectifier IR3502AMTRPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
IR3502A
Page 29 of 38
December 17, 2009
Thermistor RHOTSET3 and Over Temperature Setting Resistors RHOTSET1 and RHOTSET2
The threshold voltage of VRHOT comparator is fixed at 1.6V, and a negative temperature coefficient (NTC)
thermistor RHOTSET3 is required to sense the temperature of the power stage. If we pre-select RHOTSET3, the NTC
thermistor resistance at allowed maximum temperature TMAX is calculated from (27).
)]
1
1
(
*
[
*
_
_
3
3
ROOM
MAX
L
HOTSET
HOTSET
TMAX
T
T
B
EXP
R
R
(27)
Select the series resistor RHOTSET2 to linearize the NTC thermistor, which has non-linear characteristics in the
operational temperature range. Then calculate RHOTSET1 corresponding to the allowed maximum temperature
TMAX from (28).
6
.
1
)
6
.
1
(
*
)
(
2
1
VCCL
R
R
R
HOTSET
TMAX
HOTSET
(28)
VCCL Capacitor CVCCL
The capacitor is selected based on the stability requirement of the linear regulator and the load current to be
driven. The linear regulator supplies the bias and gate drive current of the phase ICs. A 4.7uF normally ensures
stable VCCL performance for Intel VR11.1 applications.
VCCL Regulator Drive Resistor RVCCLDRV
The drive resistor is primarily dependent on the load current requirement of the linear regulator and the
minimum input voltage requirements. The following equation gives an estimate of the average load current of
the switching phase ICs.
n
mA
f
Q
Q
I
sw
gt
gb
avg
drive
10
)
(
_
(29)
Qgb and Qgt are the gate charge of the top and bottom FET. For a minimum input voltage and a maximum
VCCL, the maximum RVCCLDRV required to use the full pull-down current of the VCCL driver is given by
min
_
/
8
.
6
7
.
0
(min)
avg
drive
I
VCCLDRV
I
V
V
R
(30)
Due to limited pull down capability of the VCCLDRV pin, make sure the following condition is satisfied.
mA
R
V
V
VCCLDRV
I
10
8
.
6
7
.
0
(max)
(31)
In the above equation, VI( min) and VI( max) is the minimum and maximum anticipated input voltage. If the
above condition is not satisfied there is a need to use a device with higher βmin or Darlington configuration can
be used instead of a single NPN transistor.
Current Monitor Filter
A filter is added to isolate the CPU from rapid changes in the load current and trigger false response. A filter with
300 us time constant provides adequate delay for Intel VR11.1 response. A 1k resistor between IMON and local
ground helps equalize the source and sink current of the IMON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com