Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3502MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3502MPBF Datasheet HTML 1Page - International Rectifier IR3502MPBF Datasheet HTML 2Page - International Rectifier IR3502MPBF Datasheet HTML 3Page - International Rectifier IR3502MPBF Datasheet HTML 4Page - International Rectifier IR3502MPBF Datasheet HTML 5Page - International Rectifier IR3502MPBF Datasheet HTML 6Page - International Rectifier IR3502MPBF Datasheet HTML 7Page - International Rectifier IR3502MPBF Datasheet HTML 8Page - International Rectifier IR3502MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
IR3502
Page 4 of 39
July 28, 2009
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 8V≤Vin≤16V, VCCL = 6.8V±3.4%, -0.3V ≤ VOSEN- ≤
0.3V, 0
oC ≤ TJ ≤ 100 oC, 7.75K ≤ ROSC ≤ 50.0 K , CSS/DEL = 0.1µF +/-10%.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDAC Reference
VID ≥ 1V
-0.5
0.5
%
0.8V ≤ VID < 1V
-5
+5
mV
System Set-Point Accuracy
0.5V ≤ VID < 0.8V
-8
+8
mV
Source & Sink Currents
VSETPT connected to VDAC
30
44
58
µA
VIDx Input Threshold
500
600
700
mV
VIDx Input Bias Current
0V≤V(VIDx)≤2.5V.
-1
0
1
µA
VIDx OFF State Blanking Delay Measure time till VRRDY drives low
0.5
1.3
2.1
µs
Oscillator
ROSC Voltage
0.570
0.595
0.620
V
CLKOUT High Voltage
I(CLKOUT)= -10 mA, measure V(VCCL)
– V(CLKOUT).
1
V
CLKOUT Low Voltage
I(CLKOUT)= 10 mA
1
V
PHSOUT Frequency
ROSC = 50.0 K
225
250
275
kHz
PHSOUT Frequency
ROSC = 24.5 K
450
500
550
kHz
PHSOUT Frequency
ROSC = 7.75 K
1.35
1.50
1.65
MHz
PHSOUT High Voltage
I(PHSOUT)= -1 mA, measure V(VCCL)
– V(PHSOUT)
1
V
PHSOUT Low Voltage
I(PHSOUT)= 1 mA
1
V
PHSIN Threshold Voltage
Compare to V(VCCL)
30
50
70
%
VDAC Buffer Amplifier
Input Offset Voltage
V(VDAC_BUFF) – V(VDAC),
0.5V ≤
V(VDAC) ≤ 1.6V, < 1mA load
-5
0
9
mV
Source Current
0.5V ≤ V(VDAC) ≤ 1.6V
0.3
0.44
0.6
mA
Sink Current
0.5V ≤ V(VDAC) ≤ 1.6V
3.5
13
20
mA
Unity Gain Bandwidth
Note 1
3.5
MHz
Slew Rate
Note 1
1.5
V/µs
Thermal Compensation Amplifier
Output Offset Voltage
0V ≤ V(IIN) – V(VDAC) ≤ 1.6V, 0.5V ≤
V(VDAC) ≤ 1.6V, Req/R2 = 2
-10
0
10
mV
Source Current
0.5V ≤ V(VDAC) ≤ 1.6V
3
8
15
mA
Sink Current
0.5V ≤ V(VDAC) ≤ 1.6V
0.3
0.4
0.5
mA
Unity Gain Bandwidth
Note 1, Req/R2 = 2
2
4.5
7
MHz
Slew Rate
Note 1
5.5
V/µs
Current Report Amplifier
Output Offset Voltage
V(VDRP)–V(VDAC) = 0,225,450,900mV
37
52
67
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com