Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3522 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3522
Description  XPHASE3TM DDR & VTT CONTROL IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3522 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3522 Datasheet HTML 9Page - International Rectifier IR3522 Datasheet HTML 10Page - International Rectifier IR3522 Datasheet HTML 11Page - International Rectifier IR3522 Datasheet HTML 12Page - International Rectifier IR3522 Datasheet HTML 13Page - International Rectifier IR3522 Datasheet HTML 14Page - International Rectifier IR3522 Datasheet HTML 15Page - International Rectifier IR3522 Datasheet HTML 16Page - International Rectifier IR3522 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
IR3522
Page 13
V3.01
IR3522 THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3522 is shown in Figure 7. The following discussions are applicable to either output
plane unless otherwise specified.
SRD_PRESET#
Open Control
Loop
VCCL
IIN2
OCSET2
OC LIMIT COMPARAT OR2
IROSC
IROSC
OC LIMIT COMPARAT OR 1
IIN1
OCSET1
VCCL UVLO
SVI_OFF
IROSC
OPEN DAISY
PHSIN
PHSOUT
CLKOUT
PHSIN
IROSC
VREF1
ROSC
VID0
PHSOUT
CLKOUT
FAULT
IROSC
VREF1
ISOURCE
VREF BUFFER
AMPLIFIER
0.6V
ROSC BUFFER
AMPLIFIER
CURRENT
SOURCE
GE NERATOR
UV2
ISINK
OV1_2
VOUT1
25k
TRACK_FLT
OV2
+
-
+
-
25k
25k
25k
VOSEN2-
VOSEN2+
VOUT2
VCCL
T RACK FAULT
COMPARAT OR
275mV
315mV
VOUT 2 UV
COMPARAT OR
OVER VOLT AGE
COMPARAT OR 2
REMOT E SENSE
AMPLIFIER 2
Fault Latch
Control Logic
1.0 6V
SRD PRESET
SS_DI SCHARGED
DETECT PULSE1
2X IROSC
SS_DISCHARGED
ENABLE
VREF_TRACK
VCCL UVLO
3.9V
45uA
SS/DEL1
OC1
IDCHG
55uA
ICHG
TRACK_FLT
OV1-2
VCCL
PGBIAS
PGOOD
CROWBAR
25k
I NTERNAL_CROWBAR
SS/DEL
VREF1
EAOUT1
SOFT ST ART
CLAMP
ERROR
AMPLIFIER 1
FB1
DIS
1.4V
SRD_PRESET#
25k
25k
25k
25k
VOSEN1+
VOUT1
REMOT E SENSE
AMPLIFIER 1
VOSEN1-
UV1
OV1
+
-
260mV
OVER VOLT AGE
COMPARAT OR 1
VOUT 1 UV
COMPARAT OR
275mV
315mV
SS Comparators
I NTERNAL_CROWBAR
OPEN CONTROL 1
UV2
UV1
DLY _OUT
OPEN SENSE
LINE DETECT
CIRCUIT 1
OPEN CONTROL 2
OPEN DAISY
OPEN SENSE
OPEN CONTROL 1
OC DELAY
COUTER
VID1
VID0
VREF1
0
0
1.05V
0
1
1.2V
1
0
1.35V
1
1
1.5V
POWER-UP VREF1
CONT ROL
3.3V
VID3
VID3
D
CLK
Q
R
VAL ID I2C
COMMAND
OVE RRIDE
ARRIVE D
VID7
VREF1 CODE
ST ORAGE LAT CH
VID7
VOUT1
ENABLE
SVI ADDRESS
SDA
SCL
VID3
VID3
.
VID7
VID3
VID7
VID7
VREF_TRACK
SVI (Serial VID Int erface)
VREF1_FAST
VID2 OFF
VID1 OFF
D/A CONVERT ER
TRACK
CONTROL
VREF
CONTROL
VID7
1.65V
950mV
650mV
ADDR2
ADDR1
VID7
VID7
VID1
VID0
OPEN SENSE
OPEN
SENSE LINE
DETECT
CIRCUIT 2
SOFT STOP
SS_DISCHARGED
PHSOUT
OC2
VID7
VID7
DETECT PULSE1
1V
+
-
DIS
LGND
VCCL
ENABLE
ENABLE COMPARAT OR
3.99V
250nS
BL ANKING
1.65V
INT ERNAL
CIRCUIT BIAS
4.43V
VCCL UVL
COMPARAT OR
VCCL
DLY _OUT
OPEN CONTROL 2
SVI _OFF
INTERNAL_CROWBAR
FB2
EAOUT2
ERROR
AMPLIFIER 2
DIS
70mV
OC TIMEOUT
Figure 7 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com