Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGI4060DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGI4060DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4060DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGI4060DPBF Datasheet HTML 1Page - International Rectifier IRGI4060DPBF Datasheet HTML 2Page - International Rectifier IRGI4060DPBF Datasheet HTML 3Page - International Rectifier IRGI4060DPBF Datasheet HTML 4Page - International Rectifier IRGI4060DPBF Datasheet HTML 5Page - International Rectifier IRGI4060DPBF Datasheet HTML 6Page - International Rectifier IRGI4060DPBF Datasheet HTML 7Page - International Rectifier IRGI4060DPBF Datasheet HTML 8Page - International Rectifier IRGI4060DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRGI4060DPbF
2
www.irf.com
Notes:
VCC = 80% (VCES), VGE = 20V, L = 28 μH, RG = 47 Ω
‚ Pulse width limited by max. junction temperature.
ƒRθ is measured at TJ approximately 90°C
„Refer to AN-1086 for guidelines for measuring V(BR)CES safely
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V,Ic =100 μA f
ΔV(BR)CES/ΔTJ
Temperature Coeff. of Breakdown Voltage
—0.66
—
V/°C VGE = 0V, Ic = 250 μA ( -55 -150
oC ) f
—1.50
1.72
IC = 7.5A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.75
—
V
IC = 7.5A, VGE = 15V, TJ = 125°C
—1.81
—
IC = 7.5A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 250 μA
ΔVGE(th)/ΔTJ
Threshold Voltage temp. coefficient
—
-12
—mV/°C VCE = VGE, IC = 1.0mA ( -55 -150
oC )
gfe
Forward Transconductance
—
5
—
S
VCE = 50V, IC = 7.5A, PW =80μs
ICES
—1.0
25
μA
VGE = 0V,VCE = 600V
—
400
—
μA
VGE = 0v, VCE = 600V, TJ =150°C
VFM
—2.18
3.00
V
IF = 7.5A
—1.60
—
IF = 7.5A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ± 20 V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Qg
Total Gate Charge (turn-on)
—
19
29
IC = 7.5A
Qge
Gate-to-Emitter Charge (turn-on)
—
4.3
6
nC
VCC = 400V
Qgc
Gate-to-Collector Charge (turn-on)
—
8.3
12
VGE = 15V
Eon
Turn-On Switching Loss
—
47
89
IC = 7.5A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
141
248
μJ
RG = 47Ω, L=1mH, LS= 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
188
337
Energy losses include tail and diode reverse recovery
td(on)
Turn-On delay time
—
29
38
IC = 7.5A, VCC = 400V
tr
Rise time
—
16
25
ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
101
112
TJ = 25°C
tf
Fall time
—
28
37
Eon
Turn-On Switching Loss
—
107
—
IC = 7.5A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
196
—
μJ
RG = 47Ω, L=1mH, LS= 150nH, TJ = 150°C
Etotal
Total Switching Loss
—
304
—
Energy losses include tail and diode reverse recovery
td(on)
Turn-On delay time
—
28
—
IC = 7.5A, VCC = 400V
tr
Rise time
—
17
—ns
RG = 47Ω, L=1mH, LS= 150nH
td(off)
Turn-Off delay time
—
118
—
TJ = 150°C
tf
Fall time
—
53
—
Cies
Input Capacitance
—
537
—
VGE = 0V
Coes
Output Capacitance
—
47
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
16
—
f = 1Mhz
TJ = 150°C, IC = 30A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
Rg = 47
Ω, VGE = +20V to 0V
VCC = 400V, Vp =600V
RG = 47Ω, VGE = +15V to 0V
Erec
Reverse recovery energy of the diode
—
102
—
μJTJ = 150
oC
trr
Diode Reverse recovery time
—
73
—
ns
VCC = 400V, IF = 7.5A
Irr
Peak Reverse Recovery Current
—
11
—
A
VGE = 15V, Rg = 47Ω, L=1mH, LS=150nH
μs
pF
Conditions
—
Diode Forward Voltage Drop
Collector-to-Emitter Leakage Current
SCSOA
Short Circuit Safe Operating Area
5
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com