Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL74 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAL74
Description  Silicon Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAL74 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAL74 Datasheet HTML 1Page - Infineon Technologies AG BAL74 Datasheet HTML 2Page - Infineon Technologies AG BAL74 Datasheet HTML 3Page - Infineon Technologies AG BAL74 Datasheet HTML 4Page - Infineon Technologies AG BAL74 Datasheet HTML 5Page - Infineon Technologies AG BAL74 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-04-19
1
BAL74/BAR74...
Silicon Switching Diode
• For high-speed switching applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAL74
BAR74
!

!

Type
Package
Configuration
Marking
BAL74
BAR74
SOT23
SOT23
single
single
JCs
JBs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Peak reverse voltage
VRM
50
Forward current
IF
250
mA
Peak forward current
IFM
-
Surge forward current, t = 1 µs
IFS
4.5
A
Non-repetitive peak surge forward current
IFSM
-
Total power dissipation
TS ≤ 54°C
Ptot
370
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2), BAL74, BAR74
RthJS
≤ 260
K/W
1Pb-containing package may be available upon special request
2For calculation of R
thJA please refer to Application Note Thermal Resistance


Similar Part No. - BAL74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
High-speed diode
1999 May 26
logo
Siemens Semiconductor G...
BAL74 SIEMENS-BAL74 Datasheet
96Kb / 4P
Silicon Switching Diode
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74 Datasheet
40Kb / 4P
Silicon Switching Diode
Jul-27-2001
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
66Kb / 9P
High-speed diode
2003 Dec 17
logo
Guangdong Kexin Industr...
BAL74 KEXIN-BAL74 Datasheet
38Kb / 2P
High-speed diode
More results

Similar Description - BAL74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com