Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3841MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3841MPBF
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3841MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3841MPBF Datasheet HTML 24Page - International Rectifier IR3841MPBF Datasheet HTML 25Page - International Rectifier IR3841MPBF Datasheet HTML 26Page - International Rectifier IR3841MPBF Datasheet HTML 27Page - International Rectifier IR3841MPBF Datasheet HTML 28Page - International Rectifier IR3841MPBF Datasheet HTML 29Page - International Rectifier IR3841MPBF Datasheet HTML 30Page - International Rectifier IR3841MPBF Datasheet HTML 31Page - International Rectifier IR3841MPBF Datasheet HTML 32Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
06/18/09
29
IR3841MPbF
PCB Metal and Components Placement
Lead lands (the 11 IC pins) width should be equal to nominal part lead width. The
minimum lead to lead spacing should be
≥ 0.2mm to minimize shorting.
Lead land length should be equal to maximum part lead length + 0.3 mm outboard
extension. The outboard extension ensures a large and inspectable toe fillet.
Pad lands (the 4 big pads other than the 11 IC pins) length and width should be equal to
maximum part pad length and width. However, the minimum metal to metal spacing
should be no less than 0.17mm for 2 oz. Copper; no less than 0.1mm for 1 oz. Copper
and no less than 0.23mm for 3 oz. Copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com