Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6711G
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6711G Datasheet HTML 5Page - Infineon Technologies AG TLE6711G Datasheet HTML 6Page - Infineon Technologies AG TLE6711G Datasheet HTML 7Page - Infineon Technologies AG TLE6711G Datasheet HTML 8Page - Infineon Technologies AG TLE6711G Datasheet HTML 9Page - Infineon Technologies AG TLE6711G Datasheet HTML 10Page - Infineon Technologies AG TLE6711G Datasheet HTML 11Page - Infineon Technologies AG TLE6711G Datasheet HTML 12Page - Infineon Technologies AG TLE6711G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLE 6711
Circuit Description
Data Sheet
9
Rev. 3.4, 2007-08-16
is HIGH the system enable goes active HIGH with the first valid watchdog trigger pulse at pin WDI. The SEN output
goes LOW immediately if a pretrigger, a missing trigger or a power down reset occurs.
Figure 5
Window Watchdog Definitions 1
Figure 6
Window Watchdog Definitions 2
t
CWmax= tCW (1+∆ )
closed window
open window
t
CW=32*tCYL
definition
f
OSC=fOSCmax
reset start delay time after window
watchdog timeout
reset duration time after window
watchdog time-out
t
SR = 64*tCYL
t
OW=32*tCYL
t
WDR = 64*tCYL
T
WD = 128*tCYL
t
OWmin
f
OSC=fOSCmin
definition
worst case
t
WD
Example with:
t
CYL=1ms
∆=10% (oscillator deviation)
t
(CW+OW)min =(tCW+tOW)*(1-∆)=
=(32+32)x0,9= 57,6ms
t
CWmax= tCW(1+∆)=32*1,1=35,2ms
t
EOW = end of open window
t
ECW
t
(CW+OW)min = ( tCW+ tOW ) (1 - ∆)
AET02952
Watchdog
trigger signal
Valid
Not valid
Indifferent
= Watchdog decoder sample point
ECW
t
Closed window
WDI
WDI
WDI
Open window
EOW
t
Open window
Closed window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com