Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711GL Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6711GL
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711GL Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6711GL Datasheet HTML 17Page - Infineon Technologies AG TLE6711GL Datasheet HTML 18Page - Infineon Technologies AG TLE6711GL Datasheet HTML 19Page - Infineon Technologies AG TLE6711GL Datasheet HTML 20Page - Infineon Technologies AG TLE6711GL Datasheet HTML 21Page - Infineon Technologies AG TLE6711GL Datasheet HTML 22Page - Infineon Technologies AG TLE6711GL Datasheet HTML 23Page - Infineon Technologies AG TLE6711GL Datasheet HTML 24Page - Infineon Technologies AG TLE6711GL Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TLE 6711
Package Outlines
Data Sheet
23
Rev. 3.4, 2007-08-16
7
Package Outlines
Figure 13
PG-DSO-14-1 (Plastic Dual Small Outline Package)
Figure 14
PG-DSO-20-36 (Plastic Dual Small Outline Package)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Lead width can be 0.61 max. in dambar area
-0.2
8.75
1)
0.64
Index Marking
1.27
+0.10
0.41
0.1
1
14
2)
7
14x
8
±0.2
6
0.35 x 45˚
-0.2
4
1)
±0.25
-0.06
0.2 M AB
M
0.2
C
C
B
A
GPS01230
Dimensions in mm
GPS05094
1.27
0.2 20x
0.35
+0.15 2)
12.8
1)
-0.2
110
11
20
20x
0.1
Index Marking
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Does not include dambar protrusion of 0.05 max. per side
0.35 x 45˚
-0.2
1)
7.6
±0.3
10.3
0.4
+0.8
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com