Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906L Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4906L
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906L Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4906L Datasheet HTML 8Page - Infineon Technologies AG TLE4906L Datasheet HTML 9Page - Infineon Technologies AG TLE4906L Datasheet HTML 10Page - Infineon Technologies AG TLE4906L Datasheet HTML 11Page - Infineon Technologies AG TLE4906L Datasheet HTML 12Page - Infineon Technologies AG TLE4906L Datasheet HTML 13Page - Infineon Technologies AG TLE4906L Datasheet HTML 14Page - Infineon Technologies AG TLE4906L Datasheet HTML 15Page - Infineon Technologies AG TLE4906L Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Table 7
Magnetic Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12V and TA = 25°C.
Parameter
Symbol
Tj[°C]
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating point
BOP
-40
25
150
6.7
6.5
6.2
10.3
10.0
9.5
13.9
13.5
12.9
mT
Release point
BRP
-40
25
150
5.2
5.0
4.7
8.7
8.5
8.1
12.3
12.0
11.4
mT
Hysteresis
BHYS
-40
25
150
-
0.7
-
-
1.5
-
-
3.0
-
mT
Temperature compensation
of magnetic thresholds
TC
-
-350
-
ppm/°C
Repeatability of magnetic
thresholds
2) BREP is equivalent to the noise constant
2)
BREP
-
20
-
µTRMS
typ. value for
∆B/∆t > 12mT/ms
Data Sheet
10
V 2.0, 2009-01
TLE4906K
TLE4906L
Specification
Note: Typical characteristics specify mean values expected over the production spread
Branded Side
N
S
N
S
Branded Side
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 5
Definition of magnetic field direction (left: SC59, right: PG-SSO-3-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com