Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3640 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3640
Description  USER GUIDE FOR IR3640 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3640 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3640 Datasheet HTML 1Page - International Rectifier IRDC3640 Datasheet HTML 2Page - International Rectifier IRDC3640 Datasheet HTML 3Page - International Rectifier IRDC3640 Datasheet HTML 4Page - International Rectifier IRDC3640 Datasheet HTML 5Page - International Rectifier IRDC3640 Datasheet HTML 6Page - International Rectifier IRDC3640 Datasheet HTML 7Page - International Rectifier IRDC3640 Datasheet HTML 8Page - International Rectifier IRDC3640 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3640
2
A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum 25A load should be
connected to VOUT+ and VOUT-. The connection diagram is shown in Fig. 1 and inputs and outputs of the
board are listed in Table I.
IR3640 has two input supplies, one for biasing (Vcc) and the other as input voltage (Vin). Separate supplies
should be applied to these inputs. Vcc input should be a well regulated 4.5V-5.5V supply and it would be
connected to Vcc+ and Vcc-.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 6-layer board. All of layers are 2 Oz. copper. The IR3640 and other components are
mounted on the top and bottom side of the board.
Power supply decoupling capacitors, the Bootstrap capacitor and feedback components are located
close to IR3640. The feedback resistors are connected to the output voltage at the point of regulation
and are located close to IR3640. To improve efficiency, the circuit board is designed to minimize the
length of the on-board power ground current path.
Table I. Connections
Connection
Signal Name
VIN+
V
in (+12V)
VIN-
Ground of V
in
Vcc+
Vcc input
Vcc-
Ground for Vcc input
VOUT+
V
out (+1.8V)
VOUT-
Ground of Vout
Sync
Synchronous input
PGood
Power Good Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com