Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3802 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3802
Description  USER GUIDE FOR IR3802 EVALUATION BOARD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3802 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3802 Datasheet HTML 1Page - International Rectifier IRDC3802 Datasheet HTML 2Page - International Rectifier IRDC3802 Datasheet HTML 3Page - International Rectifier IRDC3802 Datasheet HTML 4Page - International Rectifier IRDC3802 Datasheet HTML 5Page - International Rectifier IRDC3802 Datasheet HTML 6Page - International Rectifier IRDC3802 Datasheet HTML 7Page - International Rectifier IRDC3802 Datasheet HTML 8Page - International Rectifier IRDC3802 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IRDC3802
Rev 0.1
6/16/2008
2
A well regulated +12V input supply should be connected to VIN+ and VIN-.
A maximum 4A load
should be connected to VOUT+ and VOUT-. The connection diagram is shown in Fig. 1 and inputs
and outputs of the board are listed in Table I.
IR3802 has two input supplies, one for biasing (Vcc) and the other as input voltage (Vin). These
inputs are connected on the board with a 330 ohm resistor (R13). Separate supplies can be applied
to these inputs. Vcc input cannot be connected unless R13 is removed. Vcc input should be a well
regulated 5V-12V supply and it would be connected to Vcc+ and Vcc-.
CONNECTIONS and OPERATING INSTRUCTIONS
Table I. Connections
Ground for Optional Vcc input
Vcc-
Optional Vcc input
Vcc+
V
out (+3.3V)
VOUT+
Ground of V
out
VOUT-
Ground of V
in
VIN-
V
in (+12V)
VIN+
Signal Name
Connection
LAYOUT
The PCB is a 4-layer board. All of layers are 2 Oz. copper. The IR3802A SupIRBuck and all of
the passive components are mounted on the bottom side of the board. The Inductor, Input and
Output Bulk Capacitors are located on the top side of the board.
Power supply decoupling capacitors, the charge-pump capacitor and feedback components are
located close to IR3802A. The feedback resistors are connected to the output voltage at the point
of regulation and are located close to the SupIRBuck.
To improve efficiency, the circuit board is designed to minimize the length of the on-board power
ground current path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com