Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT04Q06-TED Datasheet(PDF) 2 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPT04Q06-TED
Description  High current density due to double mesa technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT04Q06-TED Datasheet(HTML) 2 Page - IP SEMICONDUCTOR CO., LTD.

  IPT04Q06-TED Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-TED Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-TED Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-TED Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-TED Datasheet HTML 5Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25 ℃ unless otherwise specified)
2
STATIC CHARACTERISTICS
Symbol
Test Conditions
Value (MAX)
Unit
VTM
ITM = 5.5A, t p = 380uS
Tj = 25 ℃
1.6
V
IDRM
VD = VDRM
Tj = 25 ℃
5
uA
IRRM
VR = VRRM
Tj = 125 ℃
1
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j
– c)
Junction to case (AC)
2.6
℃/W
Symbol
Test Condition
Quadrant
IPT04Q06-xxD
Unit
TE
DE
SE
AE
IGT
VD = 12V RL = 30
Ω
I
– II – III
IV
MAX
5
5
5
10
10
10
10
25
mA
VGT
ALL
MAX
1.5
V
VGD
VD=VDRM, RL=3.3K
Ω,
Tj = 125 ℃
ALL
MIN
0.2
V
IL
IG = 1.2 IGT
I
– III – IV
MAX
10
10
20
20
mA
II
20
20
40
40
IH
IT = 500mA
MAX
15
15
25
25
mA
dV/dt
VD = 67% VDRM gate open Tj = 125 ℃
MIN
10
10
10
10
V/us
(dV/dt)c
(dV/dt) c=0.8A/ms Tj = 125 ℃
MIN
1
1
5
5
V/us
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
TEL : +82-70 - 7574 - 2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPT04Q06-xxD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com