Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA751L7 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BGA751L7
Description  Low Power Single-Band UMTS LNA (800, 900 MHz)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751L7 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BGA751L7 Datasheet HTML 5Page - Infineon Technologies AG BGA751L7 Datasheet HTML 6Page - Infineon Technologies AG BGA751L7 Datasheet HTML 7Page - Infineon Technologies AG BGA751L7 Datasheet HTML 8Page - Infineon Technologies AG BGA751L7 Datasheet HTML 9Page - Infineon Technologies AG BGA751L7 Datasheet HTML 10Page - Infineon Technologies AG BGA751L7 Datasheet HTML 11Page - Infineon Technologies AG BGA751L7 Datasheet HTML 12Page - Infineon Technologies AG BGA751L7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
9
V3.2, 2009-05-27
BGA751L7 - Low Power Single-Band UMTS LNA
Electrical Characteristics
Measured RF Characteristics UMTS Bands V / VI
2.9
Measured RF Characteristics UMTS Bands V / VI
Table 7
Typical Characteristics 800 MHz Band,
T
A =25°C, VCC =2.8 V, RREF =n/c
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Pass band range band V
869
894
MHz
Pass band range band VI
875
885
MHz
Current consumption
I
CCHG
3.3
mA
High gain mode
I
CCLG
0.5
mA
Low gain mode
Gain
S
21HG
15.8
dB
High gain mode
S
21LG
-7.7
dB
Low gain mode
Reverse Isolation1)
1) Verification based on AQL; not 100% tested in production
S
12HG
-36
dB
High gain mode
S
12LG
-8
dB
Low gain mode
Noise figure
NF
HG
1.05
dB
High gain mode
NF
LG
7.9
dB
Low gain mode
Input return loss1)
S
11HG
-21
dB
50
Ω, high gain mode
S
11LG
-13
dB
50
Ω, low gain mode
Output return loss1)
S
22HG
-21
dB
50
Ω, high gain mode
S
22LG
-13
dB
50
Ω, low gain mode
Stability factor2)
2) Guaranteed by device design; not tested in production
k
>2.3
DC to 10 GHz; all gain
modes
Input compression point1)
IP
1dBHG
-5
dBm
High gain mode
IP
1dBLG
-8
dBm
Low gain mode
Inband IIP31)
f1 - f2 =1MHz
Pf1 = Pf2 =-37 dBm
IIP3
HG
IIP3
LG
-7
1
dBm
High gain mode
Low gain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com