Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF113 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF113
Description  Differential Microphone Filter and ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF113 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF113 Datasheet HTML 1Page - Infineon Technologies AG BGF113 Datasheet HTML 2Page - Infineon Technologies AG BGF113 Datasheet HTML 3Page - Infineon Technologies AG BGF113 Datasheet HTML 4Page - Infineon Technologies AG BGF113 Datasheet HTML 5Page - Infineon Technologies AG BGF113 Datasheet HTML 6Page - Infineon Technologies AG BGF113 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Voltage at all pins to GND
V
P
0
–
4
V
–
Operating temperature range
T
OP
-40
–
85
°C
–
Storage temperature range
T
STG
-65
–
150
°C
–
Input power at all pins
P
IN
–
–
60
mW
@ +70 °C
Contact discharge from pin B1 or C1 to GND
V
EXT
-15
–
15
kV
–
Contact discharge between all other pins
VINT
-2
–
2
kV
–
Table 2
Electrical Characteristics1)
1) at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Resistor
R
1
R
1
1900
2000
2100
Ω
–
Resistor
R
2
R
2
800
1000
1200
Ω
–
Resistors
R
3, R4
R
3,4
1760
2200
2640
Ω
–
Resistors
R
5
R
5
20
25
30
Ω
–
Capacitors
C
1, C2
C
1,2
640
800
960
pF
–
Capacitors
C
3, C4
C
3,4
1000
1250
1500
pF
–
Leakage currents
ESD diodes to GND
I
R
–
0.1
0.1
100
100
nA
µA
V = ±3 V
V = ±14 V
Insertion loss
2) Insertion loss (see also Figure 2) strongly depends upon source and load impedance and GND connection on the circuit
board. For RF test purposes a 50
Ω environment is used.
2)
Pins B1 to B3 or C1 to C3
IL
20
dB
f = 0.1 ... 6 GHz
Z
S = ZL = 50 Ω
BGF113
Differential Microphone Filter and ESD Protection
BGF113
Data Sheet
5
V3.1, 2009-01-29
Electrostatic Discharge According to IEC61000-4-2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com