Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7235G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7235G
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7235G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7235G Datasheet HTML 17Page - Infineon Technologies AG TLE7235G Datasheet HTML 18Page - Infineon Technologies AG TLE7235G Datasheet HTML 19Page - Infineon Technologies AG TLE7235G Datasheet HTML 20Page - Infineon Technologies AG TLE7235G Datasheet HTML 21Page - Infineon Technologies AG TLE7235G Datasheet HTML 22Page - Infineon Technologies AG TLE7235G Datasheet HTML 23Page - Infineon Technologies AG TLE7235G Datasheet HTML 24Page - Infineon Technologies AG TLE7235G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
21
Rev. 1.0, 2008-10-30
TLE7235G
Protection Functions
7
Protection Functions
The device provides embedded protective functions. Integrated protection functions are designed to prevent IC
destruction under fault conditions described in this data sheet. Fault conditions are considered as “outside” normal
operating range. Protection functions are not designed for continuous repetitive operation.
7.1
Over Load Protection
The TLE7235G is protected in case of over load or short circuit of the load. After time
t
OFF(OVL), the over loaded
channel n switches off and the according diagnosis flag Dn is set. The channel can be switched on after clearing
the protection latch by command CMD.CPL = 1. The CPL command clears itself with the next valid SPI
communication frame. Please refer to Figure 7 for details.
Figure 7
Shut Down at Over Load
7.2
Over Temperature Protection
A temperature sensor for each channel causes an overheated channel to switch off to prevent destruction. The
according diagnosis flag is set. This flag is also set in OFF state, if the regarding channel temperature is too
high.The channel can be only switched on after clearing the protection latch by SPI command CMD.CPL = 1. The
CPL command clears itself with the next valid SPI communication frame. Please refer to “Diagnostic Features”
on Page 23 for information on diagnosis features.
7.3
ESD protection
There is a designed in protection against ESD disturbances up to the specified limit by using the defined model.
Please see electrical characteristics “ESD susceptibility on all pins” on Page 11
7.4
Reverse Polarity Protection
There is a reverse polarity protection implemented in the TLE7235G. This protection has to be divided into two
parts. First the protection of the control circuits and second in the protection of the power transistors.
The control circuits are reverse polarity protected by protective measures in the ground connection. In case of
reverse polarity, there is no current flow through the control circuits. To ensure this functionality, the GND pin and
the substrate connections SUB must not be connected to the same potential. This means, the copper area
dedicated for cooling will be connected at SUB and needs to be electrically isolated from GND.
The digital pins need serial resistors if the connected input stages are not floating to ground.
The power transistors contain intrinsic body diodes that cause power dissipation. The reverse current through
these intrinsic body diodes has to be limited by the connected loads. The over temperature and over load
protection are not active during reverse polarity.
7.5
Loss of Vbb
In case of loss of
V
bb connection in on-state, all inductances of the loads have to be demagnetized through the
ground connection or through an additional path from
V
bb to ground. Then for example, a diode (see D2 in
Figure 14 “Application Diagram” on Page 35) can be placed.
IN
I
D0
t
t
OverLoad.emf
t
OFF(OV L)
I
D0(OV L)
CPL = 1
b
D0 = 1
b
D0 = 00
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com