Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

025N03LS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 025N03LS
Description  OptiMOS?? Power-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

025N03LS Datasheet(HTML) 2 Page - Infineon Technologies AG

  025N03LS Datasheet HTML 1Page - Infineon Technologies AG 025N03LS Datasheet HTML 2Page - Infineon Technologies AG 025N03LS Datasheet HTML 3Page - Infineon Technologies AG 025N03LS Datasheet HTML 4Page - Infineon Technologies AG 025N03LS Datasheet HTML 5Page - Infineon Technologies AG 025N03LS Datasheet HTML 6Page - Infineon Technologies AG 025N03LS Datasheet HTML 7Page - Infineon Technologies AG 025N03LS Datasheet HTML 8Page - Infineon Technologies AG 025N03LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BSC025N03LS G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
83
W
T A=25 °C,
R thJA=50 K/W
2)
2.5
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
-
1.5
K/W
top
-
-
18
Device on PCB
R thJA
6 cm
2 cooling area2)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1
-
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=30 A
-
2.9
3.6
m
Ω
V GS=10 V, I D=30 A
-
2.1
2.5
Gate resistance
R G
0.8
1.6
2.8
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
55
110
-
S
3) See figure 3 for more detailed information
Value
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 1.6
page 2
2009-10-22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com