Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R099CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW60R099CP
Description  Cool MOS Power Transistor Feature new revolutionary high voltage technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R099CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW60R099CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW60R099CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IPW60R099CP
CoolMOS
TM Power Transistor
Features
• Lowest figure-of-merit RON x Qg
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Ultra low gate charge
CoolMOS CP is specially designed for:
• Hard switching SMPS topologies for Server and Telecom
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=11 A, V DD=50 V
800
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=11 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...480 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
31
19
93
±30
255
-55 ... 150
1.2
11
50
±20
V DS @ Tj,max
650
V
R DS(on),max
0.099
Ω
Q g,typ
60
nC
Product Summary
Type
Package
Ordering Code
Marking
IPW60R099CP
PG-TO247-3-1
SP000067147
6R099
PG-TO247-3-1
Rev. 2.1
page 1
2008-02-19
Please note the new package dimensions arccording to PCN 2009-134-A


Similar Part No. - IPW60R099CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R099CPA INFINEON-IPW60R099CPA Datasheet
477Kb / 11P
CoolMOS Power Transistor
Rev. 2.0 2010-02-15
logo
Inchange Semiconductor ...
IPW60R099CPA ISC-IPW60R099CPA Datasheet
376Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IPW60R099CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPB20N60C3 INFINEON-SPB20N60C3_09 Datasheet
1Mb / 13P
Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.6 2009-11-09
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPS03N60C3 INFINEON-SPS03N60C3_08 Datasheet
574Kb / 12P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.1 2008-04-07
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com