Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS233PBF Datasheet(PDF) 21 Page - International Rectifier

Part # IRS233PBF
Description  3-PHASE-BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS233PBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS233PBF Datasheet HTML 17Page - International Rectifier IRS233PBF Datasheet HTML 18Page - International Rectifier IRS233PBF Datasheet HTML 19Page - International Rectifier IRS233PBF Datasheet HTML 20Page - International Rectifier IRS233PBF Datasheet HTML 21Page - International Rectifier IRS233PBF Datasheet HTML 22Page - International Rectifier IRS233PBF Datasheet HTML 23Page - International Rectifier IRS233PBF Datasheet HTML 24Page - International Rectifier IRS233PBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.irf.com
21
IRS233(0,2)(D)(S&J)PbF
Figure 25: Parasitic Elements
Figure 26: VS positive
Figure 27: VS negative
In a typical motor drive system, dV/dt is typically designed to be in the range of 3-5 V/ns. The negative VS transient voltage
can exceed this range during some events such as short circuit and over-current shutdown, when di/dt is greater than in
normal operation.
International Rectifier’s HVICs have been designed for the robustness required in many of today’s demanding applications. An
indication of the IRS233(0,2)(D)’s robustness can be seen in Figure 28, where there is represented the IRS233(0,2)(D) Safe
Operating Area at VBS=15V based on repetitive negative VS spikes. A negative VS transient voltage falling in the grey area
(outside SOA) may lead to IC permanent damage; viceversa unwanted functional anomalies or permanent damage to the IC
do not appear if negative Vs transients fall inside SOA.
At VBS=15V in case of -VS transients greater than -16.5 V for a period of time greater than 50 ns; the HVIC will hold by design
the high-side outputs in the off state for 4.5 μs.
Figure 28: Negative VS transient SOA for IRS233(0,2)(D)
Even though the IRS233(0,2)(D) has been shown able to handle these large negative VS transient conditions, it is highly
recommended that the circuit designer always limit the negative VS transients as much as possible by careful PCB layout and
component use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com