Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4945L Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4945L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945L Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4945L Datasheet HTML 8Page - Infineon Technologies AG TLE4945L Datasheet HTML 9Page - Infineon Technologies AG TLE4945L Datasheet HTML 10Page - Infineon Technologies AG TLE4945L Datasheet HTML 11Page - Infineon Technologies AG TLE4945L Datasheet HTML 12Page - Infineon Technologies AG TLE4945L Datasheet HTML 13Page - Infineon Technologies AG TLE4945L Datasheet HTML 14Page - Infineon Technologies AG TLE4945L Datasheet HTML 15Page - Infineon Technologies AG TLE4945L Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Unipolar Type TLE4905
Bipolar Type TLE4935
AES01244
S
V
S
V
4.7 nF
TLE
Q
GND
4905/35/35-2/45-2
Ι
S
Q
Ι
R
L
3
2
1
C
L
+
-
AED01422
Q
B
V
V
QH
V
QL
0
B
RP
OP
B
B
HY
HY
B
B
OP
RP
B
0
QL
V
QH
V
V
B
Q
AED01426
0
mT
B
-40
T
˚C
j
0
50
100
200
HYmax
B
HYtyp
B
HYmin
B
2
4
6
8
3.8 V
S
_
< V
24 V
_
<
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
10
V1.5, 2007-11
Figure 7
Test Circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com