Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4905G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4905G Datasheet HTML 9Page - Infineon Technologies AG TLE4905G Datasheet HTML 10Page - Infineon Technologies AG TLE4905G Datasheet HTML 11Page - Infineon Technologies AG TLE4905G Datasheet HTML 12Page - Infineon Technologies AG TLE4905G Datasheet HTML 13Page - Infineon Technologies AG TLE4905G Datasheet HTML 14Page - Infineon Technologies AG TLE4905G Datasheet HTML 15Page - Infineon Technologies AG TLE4905G Datasheet HTML 16Page - Infineon Technologies AG TLE4905G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TLE4905G; TLE4935G;
TLE4945-2G
Data Sheet
15
V1.3, 2007-12-05
Package Outlines
1.6
1.5
45˚
4.5
3
1.5
acc. to
+0.2
DIN 6784
B
±0.1
±0.2
0.35 ±0.1
0.2 B
0.15
0.25 ±0.5
+0.2
-0.1
0.45
0.15 M B
SOT-89 (SMD)
(Plastic Small Outline Transistor Package)
Package Information
d
AEA02487
d: Distance chip to upper side of IC
SOT-89: 1.05 mm
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
data book “Package Information“.
SMD = Surface Mounted Device
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com