Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LMX321 Datasheet HTML 1Page - Maxim Integrated Products LMX321 Datasheet HTML 2Page - Maxim Integrated Products LMX321 Datasheet HTML 3Page - Maxim Integrated Products LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The LMX321/LMX358/LMX324 are single/dual/quad,
low-cost, low-voltage, pin-to-pin compatible upgrades
to the LMV321/LMV358/LMV324 family of general pur-
pose op amps. These devices offer rail-to-rail outputs
and an input common-mode range that extends below
ground. These op amps draw only 105µA of quiescent
current per amplifier, operate from a single +2.3V to
+7V supply, and drive 2kΩ resistive loads to within
40mV of either rail. The LMX321/LMX358/LMX324 are
unity-gain stable with a 1.3MHz gain-bandwidth prod-
uct capable of driving capacitive loads up to 400pF.
The combination of low voltage, low cost, and small
package size makes these amplifiers ideal for
portable/battery-powered equipment.
The LMX321 single op amp is available in ultra-small 5-
pin SC70 and space-saving 5-pin SOT23 packages. The
LMX358 dual op amp is available in the tiny 8-pin SOT23
or the 8-pin µMAX® package. The LMX324 quad op amp
is available in 14-pin TSSOP and SO packages.
Applications
Cellular Phones
Laptops
Low-Power, Low-Voltage Applications
Portable/Battery-Powered Equipment
Cordless Phones
Active Filters
Features
♦ Upgrade to LMV321/LMV358/LMV324 Family
♦ Single +2.3V to +7V Supply Voltage Range
♦ Available in Space-Saving Packages
5-Pin SC70 (LMX321)
8-Pin SOT23 (LMX358)
14-Pin TSSOP (LMX324)
♦ 1.3MHz Gain-Bandwidth Product
♦ 105µA Quiescent Current per Amplifier
(VCC = +2.7V)
♦ No Phase Reversal for Overdriven Inputs
♦ No Crossover Distortion
♦ Rail-to-Rail Output Swing
♦ Input Common-Mode Voltage Range: VEE - 0.2V
to VCC - 0.8V
♦ Drives 2kΩ Resistive Loads
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
________________________________________________________________ Maxim Integrated Products
1
6
SOT23-8/SO/µMAX
TSSOP/SO
VEE
OUT1
IN1+
1
2
3
4
8
IN2-
5 IN2+
7 OUT2
IN1-
VCC
OUT1
IN1+
IN2+
OUT2
IN2-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN4+
IN3+
IN3-
OUT3
IN4-
OUT4
IN1-
VCC
VEE
LMX324
LMX358
IN+
IN-
1
2
3
5
4 OUT
VEE
VCC
LMX321
SC70-5/SOT23-5
TOP VIEW
Pin Configurations
Ordering Information
19-2103; Rev 1; 10/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Selector Guide appears at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
LMX321AXK-T
-40°C to +125°C
5 SC70-5
X5-1
LMX321AUK-T
-40°C to +125°C
5 SOT23-5
U5-1
LMX358AKA-T
-40°C to +125°C
8 SOT23-8
K8-2
LMX358ASA
-40°C to +125°C
8 SO
S8-2
LMX358AUA-T
-40°C to +125°C
8 µMAX-8
U8-1
LMX324ASD
-40°C to +125°C
14 SO
S14-4
LMX324AUD
-40°C to +125°C
14 TSSOP
U14-1


Similar Part No. - LMX321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
STMicroelectronics
LMX321 STMICROELECTRONICS-LMX321 Datasheet
1Mb / 25P
No crossover distortion
May 2013 Rev 3
logo
Maxim Integrated Produc...
LMX321AUK-T MAXIM-LMX321AUK-T Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
LMX321AXK-T MAXIM-LMX321AXK-T Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results

Similar Description - LMX321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com