Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4726G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4726G
Description  2-Phase Stepper-Motor Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4726G Datasheet HTML 5Page - Infineon Technologies AG TLE4726G Datasheet HTML 6Page - Infineon Technologies AG TLE4726G Datasheet HTML 7Page - Infineon Technologies AG TLE4726G Datasheet HTML 8Page - Infineon Technologies AG TLE4726G Datasheet HTML 9Page - Infineon Technologies AG TLE4726G Datasheet HTML 10Page - Infineon Technologies AG TLE4726G Datasheet HTML 11Page - Infineon Technologies AG TLE4726G Datasheet HTML 12Page - Infineon Technologies AG TLE4726G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
9
Rev. 1.1, 2008-06-16
TLE4726G
Quiescent Current
I
S, IL versus
Supply Voltage
V
S
Output Current
I
QX versus
Junction Temperature
T
j
Quiescent Current
I
S, IL versus
Junction Temperature
T
j
Operating Condition:
V
L
=5 V
V
Inh
=H
C
OSC
= 2.2 nF
R
sense
=1
Ω
Load: L = 10 mH
R = 2.4
Ω
f
phase
= 50 Hz
mode: fullstep
010
20
30
V
50
0
10
20
30
40
mA
Ι XX = H
= L
XX
Ι
j
T = 25 C
S
Ι
L
Ι
L
Ι
IED01655
VS
Ι
S , L
Ι
-25
0
25
50
75 100
C 150
j
T
QX
Ι
IED01657
0
200
800
400
600
mA
-25
0
25
50
75 100
150
C
IED01656
XX
Ι = H
= L
Ι XX
= 40V
L
Ι
L
Ι
Ι S
j
T
0
10
40
20
Ι
Ι
S ,
30
L
mA
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com