Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321AXK-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # LMX321AXK-T
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321AXK-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button LMX321AXK-T Datasheet HTML 2Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 3Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 4Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 5Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 6Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 7Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 8Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 9Page - Maxim Integrated Products LMX321AXK-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
6
_______________________________________________________________________________________
0
100
50
150
200
250
300
350
400
450
500
550
600
1
10
100
1k
10k
100k
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V TO 5V, VCM = VCC/2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
1k
10k
100k
INPUT CURRENT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V TO 5V, VCM = VCC/2
-150
-110
-130
-70
-90
-50
100
100k
1M
1k
10k
10M
100M
CROSSTALK REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 5V, RL = 5kΩ
-120
-80
-100
-40
-60
-20
0
100
10k
1k
100k
1M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V TO 5V
PSRR-
PSRR+
-0.20
-0.10
-0.15
0
-0.05
0.05
0.10
-1.7
0.8
INPUT OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-0.7
-1.2
-0.2
0.3
VCC = 1.35V, VEE = -1.35V
-0.20
-0.10
-0.15
0
-0.05
0.10
0.05
0.15
-2.8
-0.8
-1.8
0.2
1.2
-2.3
-0.3
-1.3
0.7
1.7 2.2
INPUT OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VCC = 2.5V, VEE = -2.5V
-100
-75
-50
-25
0
25
50
75
100
-3
-1
-2
0123
INPUT OFFSET VOLTAGE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
RL = 600Ω
RL = 2kΩ
RL = 10kΩ
VCC = 2.5V, VEE = -2.5V
100
-75
-50
-25
0
25
50
75
100
-1.5
-0.5
-1.0
0
0.5
1.0
1.5
INPUT OFFSET VOLTAGE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
RL = 600Ω
RL = 2kΩ
RL = 10kΩ
VCC = +1.35V, VEE = -1.35V
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
and RESISTIVE LOAD
LMX321 toc18
FREQUENCY (Hz)
RL = 100kΩ
RL = 100kΩ
VCC = 2.5V, VEE = -2.5V
CL = 0pF, RL TO VEE
AVCL = 60dB, VOUT = 0V
RL = 600Ω
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com