Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD15P10PLG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD15P10PLG
Description  SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PLG Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD15P10PLG Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPP15P10PL G
SPD15P10PL G
SIPMOS® Power-Transistor
Features
• P-Channel
• Enhancement mode
• logic level
• Avalanche rated
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=-15 A, R GS=25 Ω
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
ESD Class
Soldering temperature
IEC climatic category; DIN IEC 68-1
55/175/56
-55 ... 175
±20
260 °C
1C (1kV to 2kV)
-15
11.3
128
Value
230
-60
V DS
-100
V
R DS(on),max
0.20
Ω
I D
-15
A
Product Summary
PG-TO252-3
PG-TO220-3
Type
Package
Marking
Lead free
Packing
Tape and Reel information
SPP15P10PL G
PG-TO220-3
15P10PL
Yes
Non dry
50 pcs / tube
SPD15P10PL G
PG-TO252-3
15P10PL
Yes
Non dry
1000 pcs / reel
Rev 1.3
page 1
2009-10-27


Similar Part No. - SPD15P10PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD15P10PLG INFINEON-SPD15P10PLG Datasheet
763Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD15P10PLG INFINEON-SPD15P10PLG Datasheet
762Kb / 10P
SIPMOS® Power-Transistor
Rev 1.5 2012-09-03
More results

Similar Description - SPD15P10PLG

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7091 SEME-LAB-2N7091 Datasheet
34Kb / 2P
P-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
List of Unclassifed Man...
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
P-CHANNEL ENHANCEMENT MODE TRANSISTOR
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10P INFINEON-SPD04P10P Datasheet
831Kb / 9P
SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.5 2009-02-16
SPD07N20 INFINEON-SPD07N20_08 Datasheet
830Kb / 10P
SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Rev. 2.4 2008-09-01
SPD04P10PL INFINEON-SPD04P10PL Datasheet
777Kb / 9P
SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.5 2009-02-16
SPP18P06P INFINEON-SPP18P06P_09 Datasheet
759Kb / 9P
SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev1.8 2009-04-14
SPP15P10P INFINEON-SPP15P10P_09 Datasheet
640Kb / 10P
SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Rev 1.6 2009-08-25
SPD08P06P INFINEON-SPD08P06P_08 Datasheet
598Kb / 9P
SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.9 2008-10-13
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com