Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX125 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX125
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX125 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX125_08 Datasheet HTML 1Page - Maxim Integrated Products MAX125_08 Datasheet HTML 2Page - Maxim Integrated Products MAX125_08 Datasheet HTML 3Page - Maxim Integrated Products MAX125_08 Datasheet HTML 4Page - Maxim Integrated Products MAX125_08 Datasheet HTML 5Page - Maxim Integrated Products MAX125_08 Datasheet HTML 6Page - Maxim Integrated Products MAX125_08 Datasheet HTML 7Page - Maxim Integrated Products MAX125_08 Datasheet HTML 8Page - Maxim Integrated Products MAX125_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2x4-Channel, Simultaneous-Sampling
14-Bit DAS
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +5V ±5%, AVSS = -5V ±5%, DVDD = +5V ±5%, VREFIN = 2.5V, AGND = DGND = 0V, 4.7µF capacitor from REFOUT to
AGND, 0.1µF capacitor from REFIN to AGND, fCLK = 16MHz, external clock, 50% duty cycle, TA = TMIN to TMAX, unless otherwise
noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ...........................................................-0.3V to 6V
AVSS to AGND ............................................................0.3V to -6V
DVDD to DGND ...........................................................-0.3V to 6V
AGND to DGND .......................................................-0.3V to 0.3V
CH_ _ to AGND....................................................................±17V
REFIN, REFOUT to AGND ..........................................-0.3V to 6V
Digital Inputs/Outputs to DGND ..............-0.3V to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 11.8mW/°C above +70°C) ....................941mW
Operating Temperature Ranges
MAX125CCAX/MAX126CCAX ............................0°C to +70°C
MAX125CEAX/MAX126CEAX ..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec)................................300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
N
All channels
14
Bits
Integral Nonlinearity
INL
(Note 2)
±2
±4
LSB
No Missing Codes
13
Bits
TA = +25°C
±5
±15
Bipolar Zero Error
TA = TMIN to TMAX
±25
mV
Bipolar Zero-Error Match
Between all channels
1.2
5
mV
Zero-Code Tempco
±5
ppm/°C
TA = +25°C
±5
±10
Gain Error
TA = TMIN to TMAX
±15
mV
Gain-Error Match
Between all channels
1.2
5
mV
Gain-Error Tempco
±5
ppm/°C
DYNAMIC PERFORMANCE (fCLK = 16MHz, fIN = 10.06kHz (Notes 1, 3)
MAX125
72
75
Signal-to-Noise Plus Distortion
SINAD
Single-channel mode,
channel 1A, 250ksps (Note
4)
MAX126
70
72
dB
Total Harmonic Distortion
THD
Single-channel mode, channel 1A,
250ksps (Notes 4, 5)
-89
-80
dB
Spurious-Free Dynamic Range
SFDR
Single-channel mode, channel 1A,
250ksps (Note 4)
80
90
dB
Channel-to-Channel Isolation
Single-channel mode, channel 1A,
250ksps (Note 6)
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com