Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX144 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX144
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX144_05 Datasheet HTML 1Page - Maxim Integrated Products MAX144_05 Datasheet HTML 2Page - Maxim Integrated Products MAX144_05 Datasheet HTML 3Page - Maxim Integrated Products MAX144_05 Datasheet HTML 4Page - Maxim Integrated Products MAX144_05 Datasheet HTML 5Page - Maxim Integrated Products MAX144_05 Datasheet HTML 6Page - Maxim Integrated Products MAX144_05 Datasheet HTML 7Page - Maxim Integrated Products MAX144_05 Datasheet HTML 8Page - Maxim Integrated Products MAX144_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX145, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CH0, CH1 (CH+, CH-) to GND ................. -0.3V to (VDD + 0.3V)
REF to GND .............................................. -0.3V to (VDD + 0.3V)
Digital Inputs to GND. ............................................. -0.3V to +6V
DOUT to GND............................................ -0.3V to (VDD + 0.3V)
DOUT Sink Current ........................................................... 25mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) .................... 330mW
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
CERDIP (derate 8.00mW/°C above +70°C) . .............. 640mW
Operating Temperature Ranges (TA)
MAX144/MAX145_C_A .......................................0°C to +70°C
MAX144/MAX145_E_A. ...................................-40°C to +85°C
MAX144/MAX145_M_A ................................ -55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX14_A
MAX14_B
No missing codes over temperature
CONDITIONS
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
RES
Resolution
±1
LSB
±0.75
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±3
LSB
±3
Offset Error
Gain Error
LSB
±0.05
Channel-to-Channel Offset
Matching
LSB
±0.05
Channel-to-Channel Gain
Matching
-3dB rolloff
fIN = 65kHz, VIN = 2.5Vp-p (Note 4)
External clock, fSCLK = 2.17MHz,
16 clocks/conversion cycle
MHz
1.0
Full-Power Bandwidth
MHz
2.25
dB
-85
Channel-to-Channel Crosstalk
Small-Signal Bandwidth
µs
7.4
tCONV
Conversion Time (Note 5)
Total Harmonic Distortion
(including 5th-order harmonic)
dB
70
SINAD
Signal-to-Noise Plus
Distortion Ratio
dB
-80
THD
dB
80
SFDR
Spurious-Free Dynamic Range
Internal clock mode, for data transfer only
External clock mode
Internal clock
05
MHz
0.1
2.17
fSCLK
ps
<50
Aperture Jitter
Serial Clock Frequency
57
µs
2.5
tACQ
T/H Acquisition Time
ns
25
Aperture Delay
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN(sine-wave) = 10kHz, VIN = 2.5Vp-p, 108ksps, fSCLK = 2.17MHz, CH- = GND for MAX145)
CONVERSION RATE
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com