Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT1206-CEF Datasheet(PDF) 3 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPT1206-CEF
Description  High current density due to double mesa technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT1206-CEF Datasheet(HTML) 3 Page - IP SEMICONDUCTOR CO., LTD.

  IPT1206-CEF Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT1206-CEF Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
TEL : +82-11 - 237 - 2837, Fax : +82-2-6280-6382, shorn@ipsemiconductor.com
PACKAGE MECHANICAL DATA
TO-220F
3
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
4.4
4.8
0.173
0.189
B
0.74
0.8
0.83
0.029
0.031
0.033
C
0.5
0.75
0.020
0.030
C2
2.4
2.7
0.094
0.106
C3
2.6
3
0.102
0.118
D
8.8
9.3
0.346
0.367
E
9.7
10.3
0.382
0.406
F
6.4
6.8
0.252
0.268
G
5
5.2
0.197
0.205
H
28.0
29.8
11.0
11.7
L1
3.63
0.143
L2
1.14
1.7
0.044
0.067
L3
3.3
0.130
V1
40º
40º
IPT1206-xxF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com