Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4268
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4268_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 14Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 15Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 16Page - Infineon Technologies AG TLE4268_07 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
13
Rev. 1.5, 2007-03-20
TLE 4268
Charge Current
I
D,c and Discharge
Current
I
D,d versus Temperature Tj
Output Voltage
V
Q versus
Temperature
T
j
Timing Threshold
V
DU, VDWL, VDRL
versus Temperature
T
j
Output Current
I
Q versus
Input Voltage
V
I
6
4
2
0
-40
0
40
14
12
10
8
16
Ι
= 1.0 V
V
Ι
Ι
D, d
D, c
D
13.5 V
VΙ =
j
120
80
T
C
AED3100
A
µ
AED03102
-40
4.6
VQ
4.7
4.8
4.9
5.0
5.1
V
040
80
120
V
13.5 V
Ι
V =
T j
AED03101
-40
0
= 13.5 V
VD
T
V
040
80
120
C
VΙ
0.4
0.8
1.2
1.6
2.0
2.4
2.8
DU
V
DWL
VVDRL
j
,
AED01551
0
0
I
Q
50
100
150
200
250
300
10
20
30
40
50
V
I
Tj = 25 ˚C
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com