Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6209R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 17Page - Infineon Technologies AG TLE6209R Datasheet HTML 18Page - Infineon Technologies AG TLE6209R Datasheet HTML 19Page - Infineon Technologies AG TLE6209R Datasheet HTML 20Page - Infineon Technologies AG TLE6209R Datasheet HTML 21Page - Infineon Technologies AG TLE6209R Datasheet HTML 22Page - Infineon Technologies AG TLE6209R Datasheet HTML 23Page - Infineon Technologies AG TLE6209R Datasheet HTML 24Page - Infineon Technologies AG TLE6209R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.1
21
2007-08-01
Serial Data Input Timing
Serial Clock period
t
PSCLK
500
–
–ns
–
Serial Clock high time
t
SCLKH
250
–
–ns
–
Serial Clock low time
t
SCLKL
250
–
–ns
–
Serial Clock low
before CSN low
t
bef
250
–
–ns
–
CSN setup time
t
lead
250
–
–ns
–
SCLK setup time
t
lag
250
–
–ns
–
Clock low after CSN high
t
beh
250
–
–ns
–
SDI setup time
t
SDISU
125
–
–ns
–
SDI hold time
t
SDIHO
125
–
–ns
–
Input signal rise time
at pin SDI, SCLK and CSN
t
rSIN
–
–100
ns
–
Input signal fall time
at pin SDI, SCLK and CSN
t
fSIN
–
–100
ns
–
Serial Data Output Timing
SDO rise time
t
rSDO
–
2550ns
C
L = 100 pF
SDO fall time
t
fSDO
–
2550ns
C
L = 100 pF
SDO enable time
t
ENSDO
–
–
125
ns
low impedance
SDO disable time
t
DISSDO
–
–
125
ns
high impedance
SDO valid time
t
VASDO
–50
125
ns
V
DO < 0.2 VCC;
V
DO > 0.7 VCC;
C
L = 100 pF
3.3
Electrical Characteristics (cont’d)
8 V <
V
S < 40 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
– 40
°C < T
j < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com