Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA010 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DDA010
Description  Off-Line SMPS Quasi-Resonant PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DDA010 Datasheet(HTML) 2 Page - Infineon Technologies AG

  DDA010 Datasheet HTML 1Page - Infineon Technologies AG DDA010 Datasheet HTML 2Page - Infineon Technologies AG DDA010 Datasheet HTML 3Page - Infineon Technologies AG DDA010 Datasheet HTML 4Page - Infineon Technologies AG DDA010 Datasheet HTML 5Page - Infineon Technologies AG DDA010 Datasheet HTML 6Page - Infineon Technologies AG DDA010 Datasheet HTML 7Page - Infineon Technologies AG DDA010 Datasheet HTML 8Page - Infineon Technologies AG DDA010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Edition 2010-04-27
Published by
Infineon Technologies AG
81726 München, Germany
© Infineon Technologies AG 4/27/10.
All Rights Reserved.
Attention please!
The information given in this data sheet shall in no event be regarded as a guarantee of conditions or
characteristics (“Beschaffenheitsgarantie”). With respect to any examples or hints given herein, any typical values
stated herein and/or any information regarding the application of the device, Infineon Technologies hereby
disclaims any and all warranties and liabilities of any kind, including without limitation warranties of
non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest
Infineon Technologies Office (www.infineon.com).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written
approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure
of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support
devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
For questions on technology, delivery and prices please contact the Infineon Technologies Offices in Germany or the Infineon
Technologies Companies and Representatives worldwide: see our webpage at http://www.infineon.com
CoolMOS
®, CoolSET® are trademarks of Infineon Technologies AG.
CoolSET
® - Q1
ICE2QR0665
Revision History:
April 27, 2010
Datasheet
Previous Version:
2.2
Page
Subjects (major changes since last revision)
12
maximum value for V
ZC changed to 5.5V
12
maximum value for V
FB changed to 5.5V
12
maximum value for V
CS changed to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com