Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6220GP Datasheet HTML 9Page - Infineon Technologies AG TLE6220GP Datasheet HTML 10Page - Infineon Technologies AG TLE6220GP Datasheet HTML 11Page - Infineon Technologies AG TLE6220GP Datasheet HTML 12Page - Infineon Technologies AG TLE6220GP Datasheet HTML 13Page - Infineon Technologies AG TLE6220GP Datasheet HTML 14Page - Infineon Technologies AG TLE6220GP Datasheet HTML 15Page - Infineon Technologies AG TLE6220GP Datasheet HTML 16Page - Infineon Technologies AG TLE6220GP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
13
Figure 5: Power Outputs
Application Circuit
t
t
tON
tOFF
80%
VDS
VIN
20%
OUT1
OUT2
OUT4
TLE
6220
GP
SI
SO
CLK
VS
VS
RESET
GND
VBB
CLK
MTSR
MRST
P xy
µC
e.g. C166
IN1
IN2
IN3
IN4
FAULT
PRG
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com