Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08QD2MPC Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 52Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 53Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 54Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 55Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 56Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 57Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 58Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 59Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
56
Freescale Semiconductor
5.6
Low-Voltage Detect (LVD) System
The MC9S08QD4 series includes a system to protect against low voltage conditions in order to protect
memory contents and control MCU system states during supply voltage variations. The system is
comprised of a power-on reset (POR) circuit and an LVD circuit with a user selectable trip voltage, either
high (VLVDH) or low (VLVDL). The LVD circuit is enabled when LVDE in SPMSC1 is high and the trip
voltage is selected by LVDV in SPMSC2. The LVD is disabled upon entering any of the stop modes unless
LVDSE is set in SPMSC1. If LVDSE and LVDE are both set, then the MCU cannot enter stop1 or stop2,
and the current consumption in stop3 with the LVD enabled will be greater.
Table 5-2. Vector Summary
Vector
Priority
Vector
Number
Address
(High:Low)
Vector Name
Module
Source
Enable
Description
Lower
Higher
31
through
24
0xFFC0:FFC1
through
0xFFCE:FFCF
Unused Vector Space
(available for user program)
23
0xFFD0:FFD1
Vrti
System
control
RTIF
RTIE
Real-time interrupt
22
0xFFD2:FFD3
—
—
—
—
—
21
0xFFD4:FFD5
—
—
—
—
—
20
0xFFD6:FFD7
—
—
—
—
—
19
0xFFD8:FFD9
Vadc1
ADC1
COCO
AIEN
ADC1
18
0xFFDA:FFDB
Vkeyboard1
KBI1
KBF
KBIE
Keyboard pins
17
0xFFDC:FFDD
—
—
—
—
—
16
0xFFDE:FFDF
—
—
—
—
—
15
0xFFE0:FFE1
—
—
—
—
—
14
0xFFE2:FFE3
—
—
—
—
—
13
0xFFE4:FFE5
—
—
—
—
—
12
0xFFE6:FFE7
—
—
—
—
—
11
0xFFE8:FFE9
—
—
—
—
—
10
0xFFEA:FFEB
Vtpm2ovf
TPM2
TOF
TOIE
TPM2 overflow
9
0xFFEC:FFED
—
—
—
—
—
8
0xFFEE:FFEF
Vtpm2ch0
TPM2
CH0F
CH0IE
TPM2 channel 0
7
0xFFF0:FFF1
Vtpm1ovf
TPM1
TOF
TOIE
TPM1 overflow
6
0xFFF2:FFF3
Vtpm1ch1
TPM1
CH1F
CH1IE
TPM1 channel 1
5
0xFFF4:FFF5
Vtpm1ch0
TPM1
CH0F
CH0IE
TPM1 channel 0
4
0xFFF6:FFF7
—
—
—
—
—
3
0xFFF8:FFF9
Virq
IRQ
IRRQF
IRQIE
IRQ pin
2
0xFFFA:FFFB
Vlvd
System
control
LVDF
LVDIE
Low voltage detect
1
0xFFFC:FFFD
Vswi
CPU
SWI
Instruction
—
Software interrupt
0
0xFFFE:FFFF
Vreset
System
control
COP
LVD
RESET pin
Illegal opcode
Illegal address
POR
COPE
LVDRE
RSTPE
—
—
—
Watchdog timer
Low-voltage detect
External pin
Illegal opcode
Illegal address
power-on-reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com