Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4276 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4276
Description  Low Drop Voltage Regulator 400 mA current capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4276_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 14Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 15Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 16Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
Rev. 2.7, 2007-10-23
TLE 4276
Typical Performance Characteristics for V85:
Output Voltage
V
Q versus
Temperature
T
j
Low Voltage Behavior
Current Consumption
I
q versus
Input Voltage
V
I
High Voltage Behavior
AED03018
-40
040
80
120 ˚C 160
7.5
j
T
Q
V
8.0
8.5
9.0
V
V
I = 13.5 V
6
4
08
0
2
4
R
T
Q
V
Q
V
8
Ι = V
V
10
12
V
16
12
20
V Ι
= 25 C
= 34
L
j
Ω
AED01972
Q
V
AED03025
0
10
20
30
40 V50
0
10
20
30
mA
25
15
5
I
V
I
q
T
j = 25 ˚C
L
R = 34
Ω
AED03080_4276
-50
-2
I
V
I
I
T = 25 ˚C
L
R = 10 k
Ω
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com