Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4473GV52 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4473GV52
Description  Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV52 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4473GV52 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 13Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 14Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 15Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLE 4473 GV53
TLE 4473 GV52
Data Sheet
13
Rev. 1.1, 2008-09-19
Watchdog and Reset Timing D1 (cont’d)
Saturation Voltage
V
D1,SAT
100
mV
V
Q1 < VRT2
Watchdog trigger
time
T
WI,tr
24
32
40
ms
C
D1 = 100 nF
Reset delay time
T
RD1
11
17
23
ms
C
D1 = 100 nF
Reset reaction time
T
rr
–5.0
µs
C
D1 = 100 nF
Reset Output RO1
Reset switching
threshold
V
RT1
2.97
3.08
3.18
V
TLE 4473 GV53
2.34
2.42
2.50
V
TLE 4473 GV52
Reset threshold
headroom
V
R1HEAD
100
–
–
mV
TLE 4473 GV53
Reset threshold
headroom
V
R1HEAD
80
–
–
mV
TLE 4473 GV52
Reset output current I
RO1
–
–
1.4
mA
Collector current of RO1,
power good, reset still
delayed.
V
Q1=3.30V
(TLE 4473 GV53),
V
Q1 =2.60V
(TLE 4473 GV52);
V
Q2=5.0 V;
V
D1=0 V,VRO1=0.3 V
Reset output low
voltage
V
RO1L
–0.1
0.3
V
V
Q1
≥ 1 V, V
D1=0V,
I
RO1=0.5mA
Reset output high
voltage
V
RO1H
2.45
–
–
V
R
RO1,ext=4.7kΩ connected
to Q1;TLE 4473 GV52
Reset output high
voltage
V
RO1H
3.15
–
–
V
R
RO1,ext=4.7kΩ connected
to Q1;TLE 4473 GV53
1) Drop voltage =
V
I – VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)
Electrical Characteristics (cont’d)
V
I1 =13.5 V; VINH1 =VINH2= 5V; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com