Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42664G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42664G
Description  Low Dropout Fixed Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42664G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42664G Datasheet HTML 1Page - Infineon Technologies AG TLE42664G Datasheet HTML 2Page - Infineon Technologies AG TLE42664G Datasheet HTML 3Page - Infineon Technologies AG TLE42664G Datasheet HTML 4Page - Infineon Technologies AG TLE42664G Datasheet HTML 5Page - Infineon Technologies AG TLE42664G Datasheet HTML 6Page - Infineon Technologies AG TLE42664G Datasheet HTML 7Page - Infineon Technologies AG TLE42664G Datasheet HTML 8Page - Infineon Technologies AG TLE42664G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PG-SOT223-4
Type
Package
Marking
TLE42664G
PG-SOT223-4
42664
Data Sheet
2
Rev. 1.01, 2009-09-30
Low Dropout Fixed Voltage Regulator
TLE42664G
1Overview
Features
•
Output Voltage 5 V
±2 % up to Output Currents of 50 mA
•
Output Voltage 5 V
±3 % up to Output Currents 100 mA
•
Very Low Dropout Voltage
•
Very Low Current Consumption: typ. 40 µA
•
Enable Input
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Shutdown
•
Wide Temperature Range From -40 °C up to 150 °C
•
Suitable for Use in Automotive Electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE42664 is a monolithic integrated low dropout fixed voltage regulator for load currents up to 100 mA. It is
the 1-to-1 replacement product for the TLE4266-2. It is functional compatible to the TLE4266, but has a reduced
quiescent current of typ. 40µA. The TLE42664 is especially designed for applications requiring very low standby
currents, e.g. with a permanent connection to the car’s battery. It can be disabled/enabled by the integrated EN
pin. The device is available in the small surface mounted PG-SOT223-4 package and is pin compatible to the
TLE4266-2 and the TLE4266. The device is designed for the harsh environment of automotive applications.
Therefore it is protected against overload, short circuit and overtemperature conditions by the implemented output
current limitation and the overtemperature shutdown circuit. The TLE42664 can be also used in all other
applications requiring a stabilized 5 V voltage.
An input voltage up to 45 V is regulated to
V
Q,nom = 5 V with a precision of ±3 %. An accuracy of ±2 % is kept for
load currents up to 50 mA. A logical “HIGH” at the ENABLE pin enables the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com