Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7469 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7469 Datasheet HTML 1Page - Infineon Technologies AG TLE7469 Datasheet HTML 2Page - Infineon Technologies AG TLE7469 Datasheet HTML 3Page - Infineon Technologies AG TLE7469 Datasheet HTML 4Page - Infineon Technologies AG TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Type
Package
TLE 7469 GV52
PG-DSO-12
TLE 7469 GV53
PG-DSO-12
Dual Low Drop Voltage Regulator
TLE 7469
Data Sheet
1
Rev. 1.6, 2008-01-22
Features
•
Dual output
5 V (
±2%), 215mA and 2.6 V1) (±4%), 200mA or
5 V (
±2%), 215mA and 3.3 V (±3%), 200mA
•
Ultra low quiescent current consumption < 55
µA
•
Inhibit function
•
Very low dropout voltage
•
Reset with power-on delay
•
Early Warning comparator
•
Window watchdog
•
Power sequencing for dual voltage
µC
•
Output protected against short circuit
•
Wide operation range: up to 45 V
•
Wide temperature range: -40
°C to 150 °C
•
Overtemperature protection
•
Overload protection
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 7469 is a monolithic integrated voltage regulator with two voltage outputs
specially designed to supply microcontrollers with dual supply voltage: 2.6 V
1) or 3.3 V
core and 5 V I/O voltage like the Infineon XC164 and XC161.
1) 2.5 V nominal specification range of most
µCs is compatible with the 2.6 V output voltage range of the
TLE 7469.


Similar Part No. - TLE7469

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
TLE7469GV52 INFINEON-TLE7469GV52 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
TLE7469GV53 INFINEON-TLE7469GV53 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - TLE7469

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G_08 Datasheet
219Kb / 12P
5-V Voltage Regulator Low quiescent current consumption
Rev. 2.2, 2008-04-21
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
LM9036Q TI-LM9036Q_15 Datasheet
835Kb / 14P
Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com