Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4470_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 12Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 13Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 14Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 15Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 16Page - Infineon Technologies AG TLE4470_08 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLE 4470
Data Sheet
13
Rev. 1.2, 2008-03-20
Application Information
Figure 3
Application Circuit
D
C
Ι
C
C
R
R
1N4004
ZD1
SI1
SI2
SI
Stand-by-Regulator
RADJTH
Main Regulator
REF
20
SI
Sense
Reset
=
V
d
Ι
= V
DIS
1
Ι
V
V
3
18
REF
Reference
19
8
4-7
14-17
AES02154
GND
1
30 k
Ω
9
30 k
Q1
V
Ω
RADJ
SQ
RQ
2
11
13
D
ADJ2
12,
10
Batt
V
D1
36 V 100
nF
Control
330 k
Ω
10 nF
100 k
Ω
Q2
22 F
C
100 nF
µ
Q1
µ
10 F
C
SITH
Ι2
Q2
Q1
5 V
1
R
R 2
(
=
)
10 V
R 1
2
R
Pin numbers valid for P-DSO-20-6 (TLE 4470 G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com