Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG TLE7230R Datasheet HTML 12Page - Infineon Technologies AG TLE7230R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet TLE 7230 R
V3.4
Page
2009-07-15
9
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit (MSB) first. SI infor-
mation is read in on the falling edge. Input data is latched in the SPI shift register and then transferred
to the internal registers of the logic.
The input data consist of 16 bit, made up of x control bits and y data bits. The control bits are used
address the desired SPI register and the data bits are used to program in user-specified settings.
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant bit
(MSB) first. SO is in a high impedance state until the CS pin goes to a logic low state. New diagnostic
data will appear at the SO pin following the rising edge.
SPI Control and Commands:
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
SI:
CMD
x
x
x
ADDR
DATA
SO standard diagnosis
SO:
Ch 8
Ch 7
Ch 6
Ch 5
Ch 4
Ch 3
Ch 2
Ch 1
SO after read command in previous frame
SO:
0
1
0
0
0
ADDR
DATA
CMD
Command:
0 0 : Diagnosis Only :
Reads out the diagnosis register. This command has no other influence on the device.
0 1 : Read register :
With the next SO data frame the content of the addressed register will be sent.
1 0 : Reset Registers:
Resets back all internal registers. Logic registers to default and Fault registers to no
error.
1 1 : Write register :
The data of the SI word will be written to the addressed register.
No valid Commands:
If the first 8 bit of the SI word contains an invalid command, it will not result in any re-
action by the TLE 7230 R (register value change, switching channels, ...). Additionally
an L
àH of Chip Select (CS) will not reset the diagnosis register.
ADDR
Address:
Pointer to register for read and write command
DATA
Data:
Data written to or read from register selected by address ADDR
Ch x
Standard diagnosis for channel x:
For details see "SPI Diagnostics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com