Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 13892_10 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
83
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
REGULATORS GENERAL CHARACTERISTICS
The following applies to all linear regulators unless otherwise specified.
• Specifications are for an ambient temperature of -30 to +85 °C.
• Advised bypass capacitor is the Murata™ GRM155R60G225ME15 which comes in a 0402 case.
• In general, parametric performance specifications assume the use of low ESR X5R ceramic capacitors with 20% accuracy
and 15% temperature spread, for a worst case stack up of 35% from the nominal value. Use of other types with wider
temperature variation may require a larger room temperature nominal capacitance value to meet performance specs over
temperature. In addition, capacitor derating as a function of DC bias voltage requires special attention. Finally, minimum
bypass capacitor guidelines are provided for stability and transient performance. Larger values may be applied; performance
metrics may be altered and generally improved, but should be confirmed in system applications.
• Regulators which require a minimum output capacitor ESR (those with external PNPs) can avoid an external resistor if ESR
is assured with capacitor specifications, or board level trace resistance.
• The output voltage tolerance specified for each of the linear regulators include process variation, temperature range, static
line regulation, and static load regulation.
• The PSRR of the regulators is measured with the perturbed signal at the input of the regulator. The power management IC is
supplied separately from the input of the regulator and does not contain the perturbed signal. During measurements care must
be taken not to reach the drop out of the regulator under test.
• In the Low Power mode the output performance is degraded. Only those parameters listed in the Low Power mode section
are guaranteed. In this mode, the output current is limited to much lower currents than in the Active mode.
• Regulator performance is degraded in the extended input voltage range. This means that the supply still behaves as a
regulator and will try to hold up the output voltage by turning the pass device fully on. As a result, the bias current will increase
and all performance parameters will be heavily degraded, such as PSRR and load regulation.
• Note that in some cases, the minimum operating range specifications may be conflicting due to numerous set point and biasing
options, as well as the potential to run BP into one of the software or hardware shutdown thresholds. The specifications are
general guidelines which should be interpreted with some care.
• When a regulator gets disabled, the output will be pulled towards ground by an internal pull-down. The pull-down is also
activated when RESETB goes low.
•32 kHz spur levels are specified for fully loaded conditions.
• Short-circuit protection (SCP) is included on certain LDOs (see the SCP section later in this chapter). Exceeding the SCP
threshold will disable the regulator and generate a system interrupt. The output voltage will not sag below the specified voltage
for the rated current being drawn. For the lower current LDOs without SCP, they are less accessible to the user environment
and essentially self-limiting.
• The power tree of a given application must be scrubbed for critical use cases to ensure consistency and robustness in the
power strategy.
TRANSIENT RESPONSE WAVEFORMS
The transient load and line response are specified with the waveforms as depicted in Figure 25. Note that the transient load
response refers to the overshoot only, excluding the DC shift itself. The transient line response refers to the sum of both overshoot
and DC shift. This is also valid for the mode transition response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com