Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264-2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4264-2
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264-2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4264-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6
Rev. 2.6, 2008-03-10
TLE 4264-2
Application Information
Figure 3
Application Circuit
In the TLE 4264-2 the output voltage is divided and compared to an internal reference of
2.5 V typical. The regulation loop controls the output to achieve an output voltage of 5 V
with an accuracy of
±3% at an input voltage range of 5.5 V < V
I < 45 V.
Figure 4 shows a typical application circuit. For stability of the control loop the
TLE 4264-2 output requires an output capacitor
C
Q of at least 10 µF with a maximum
permissible ESR of 4
Ω. Tantalum as well as multi layer ceramic capacitors are suitable.
At the input of the regulator an input capacitor is necessary for compensating line
influences (100 nF ceramic capacitor recommended). A resistor of approx. 1
Ω in series
with
C
I, can damp any oscillation occurring due the input inductivity and the input
capacitor.
In the application circuit shown in Figure 4 an additional electrolytic input capacitor of
470
µF is added in order to buffer supply line influences. This capacitor is recommended,
if the device is sourced via long supply lines of several meters.
The TLE 4264-2 can supply up to 150 mA. However for protection for high input voltage
above 25 V, the output current is reduced (SOA protection).
AES02871
TLE 4264-2
Output
Q
GND
Ι
µ
10 F
Input
5.5 to 45 V
100 nF
470 F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com