Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4264
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4264 Datasheet HTML 3Page - Infineon Technologies AG TLE4264 Datasheet HTML 4Page - Infineon Technologies AG TLE4264 Datasheet HTML 5Page - Infineon Technologies AG TLE4264 Datasheet HTML 6Page - Infineon Technologies AG TLE4264 Datasheet HTML 7Page - Infineon Technologies AG TLE4264 Datasheet HTML 8Page - Infineon Technologies AG TLE4264 Datasheet HTML 9Page - Infineon Technologies AG TLE4264 Datasheet HTML 10Page - Infineon Technologies AG TLE4264 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
7
Rev. 2.3, 2008-03-07
TLE 4264
Drop Voltage
V
DR versus
Output Current
I
Q
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Input Voltage
V
i
Current Consumption
I
q versus
Output Current
I
Q
DR
V
Ι
Q
0
25
AED01978
100
200
300
400
500
600
mV
800
50
100
mA
175
75
125
=
C
125
25 C
=
700
j
T
j
T
Ι
Q
0
0
AED01980
mA
150
50
100
Ι
q
2
4
6
8
mA
12
Vi = 13.5 V
10
0
0
AED01979
R =
Ι
q
V
L
50
Ω
10
20
30
V 50
5
10
mA
15
Ω
100
L =
R
Ι
40
Ι
Q
0
0
AED01981
mA
30
10
20
Ι
q
0.5
1.0
1.5
2.0
mA
3.0
V
i = 13.5 V
5
15
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com