Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7385 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7385
Description  Dual H-bridge Driver for actuator Input Control Mode Select Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7385 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7385 Datasheet HTML 3Page - New Japan Radio NJU7385 Datasheet HTML 4Page - New Japan Radio NJU7385 Datasheet HTML 5Page - New Japan Radio NJU7385 Datasheet HTML 6Page - New Japan Radio NJU7385 Datasheet HTML 7Page - New Japan Radio NJU7385 Datasheet HTML 8Page - New Japan Radio NJU7385 Datasheet HTML 9Page - New Japan Radio NJU7385 Datasheet HTML 10Page - New Japan Radio NJU7385 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJU7385
- 7 -
FUNCTION DESCRIPTION
Auto Standby Function
The device can be used for mobile equipments that require batteries. When STB terminal turns to “L”, Standby State1 is
achieved. On the other hand, 4 terminals (IA1A/1B,IN2A/2B) are set to “L”, Standby State2 is achieved, which is unique
from other devices. When in Standby State, the device stands by under minimum power consumption.
UVLO Function
UVLO function goes into action when VDD is less than 1.8V (typ.). In the event of low VDD, UVLO circuit disables the
drivers (OUT1A/2A & OUT1B/2B), and simultaneously sets the ALARM output terminal to “L”.
TSD Function
TSD function goes into action when Tj is more than 170
°C (typ.). In the event of high Tj, TSD circuit disables the drivers
(OUT1A/2A & OUT1B/2B), and simultaneously sets the ALARM output terminal to “L”.
ALARM Output Function
In the event of fault conditions (UVLO, or TSD active), the device sets the ALARM output terminal to “L” to provide
indication of fault conditions.
At the same time, output terminals for Motor (OUT1A/2A & OUT1B/2B) are disabled to prevent damage and
unpredictable device operation.
STB: Power Saving State Setting Terminal
STB set to “L” puts the device in Standby State1. It is a similar condition with Auto Standby State (Standby State2).
MS: Input Control Mode Setting Input Terminal
MS
Input Control Mode
L
2-Input Control
H
Phase & Enable Input Control
MS is used to toggle between 2-Input Control and Phase & Enable Input Control.
<The features of 2-Input Control>
When MS terminal turns to “L”, 2-Input Control is selected.
One of the features is: 4 Half-Bridges are controlled independently because the input and output is in a one-to-one
ratio. (IN1A-OUT1A, IN1B-OUT1B, IN2A-OUT2A, IN2B-OUT2B)
This input mode is relatively suitable for DC Motor applications.
In case of one-way rotation and braking control, it is possible to control 4 DC Motors at the same time.
Additionally, in case of using of H-Bridge control, it is available to be achieved precision current control around Zero
cross current area by using complementary PWM with PWM-duty control at IA1A/1B&IN2A/2B terminals.
<The features of Phase & Enable Input Control>
When MS terminal turns to “H”, Phase & Enable Input Control is selected.
The logic level of IN1A/IN2A corresponding to Phase-function decides current direction in H-Bridge control.
IN1B/IN2B correspond to Enable-function. When IN1B/IN2B are set to “L”, the drivers (OUT1A/2A & OUT1B/2B) are
disabled.
This input mode is relatively suitable for Stepper Motor applications. It is possible to control Half-Step-Mode that
needs making the drivers disabled.
Additionally, in case of Full-Step-Mode, it is available to be achieved a simple control of Stepper Motor using only 2
wires to IN1A/IN2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com