Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2708 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2708
Description  Sound Enhancement Audio Processor for Compression Audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2708 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2708 Datasheet HTML 1Page - New Japan Radio NJM2708 Datasheet HTML 2Page - New Japan Radio NJM2708 Datasheet HTML 3Page - New Japan Radio NJM2708 Datasheet HTML 4Page - New Japan Radio NJM2708 Datasheet HTML 5Page - New Japan Radio NJM2708 Datasheet HTML 6Page - New Japan Radio NJM2708 Datasheet HTML 7Page - New Japan Radio NJM2708 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2708
– 7 –
■ TERMINAL DESCRIPTION
(Ta=25
°C, V
+=9V)
PIN No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
Voltage
7
14
NC
No Connect
-
8
DNC
Do Not Connect
-
9
V+
Power Supply
V+
10
11
NFR
NFL
Rch Filter Terminal
Lch Filter Terminal
V+
V+
400
4.15V
12
13
ROUT
LOUT
Rch Output
Lch Output
V+
V+
V+
V+
12k
4.15V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com