Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9030 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9030
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9030 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
RF Device Data
Freescale Semiconductor
MRF9030LR1
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 68 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 μAdc)
VGS(th)
2
2.9
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 250 mAdc)
VGS(Q)
—
3.8
—
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 0.7 Adc)
VDS(on)
—
0.19
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 2 Adc)
gfs
—
3
—
S
Dynamic Characteristics
Input Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Ciss
—
49.5
—
pF
Output Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
—
26.5
—
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
1
—
pF
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com