Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4080D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPX4080D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4080D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPX4080D_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4080D_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPX4080D
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2. Decoupling circuit shown in
Figure 4 required to meet electrical specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
1. 1 kPa (kiloPascal) equals 0.145 psi.
POP
0—
80
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range.
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Minimum Pressure Offset(3)(0 to 85
°C)
@ VS = 5.1 V
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.478
0.575
0.672
Vdc
Full Scale Output(4)(0 to 85
°C)
@ VS = 5.1 V
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.772
4.900
5.020
Vdc
Full Scale Span(5)(0 to 85
°C)
@ VS = 5.1 V
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—
4.325
—
Vdc
Accuracy
—
—
—
3.0
%VFSS
Sensitivity
V/P
—
54
—
mV/kPa



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com