Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33931 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33931
Description  5.0 A Throttle Control H-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33931 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33931 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33931 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33931
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 10. Functional Internal Block Diagram
ANALOG CONTROL AND PROTECTION
CIRCUITRY:
An on-chip voltage regulator supplies the internal logic.
The charge pump provides gate drive for the H-bridge
MOSFETs. The Current and Temperature sense circuitry
provides detection and protection for the output drivers.
Output under-voltage protection shuts down the MOSFETS.
GATE CONTROL LOGIC:
The 33931 is a monolithic H-bridge Power IC designed
primarily for any low-voltage DC servo motor control
application within the current and voltage limits stated for the
device. Two independent inputs provide polarity control of
two half-bridge totem-pole outputs. Two independent disable
inputs are provided to force the H-bridge outputs to tri-state
(high-impedance off-state).
H-BRIDGE OUTPUT DRIVERS: OUT1 AND OUT2
The H-bridge is the power output stage. The current flow
from OUT1 to OUT2 is reversible and under full control of the
user by way of the Input Control Logic. The output stage is
designed to produce full load control under all system
conditions. All protective and control features are integrated
into the Control and Protection blocks. The sensors for
current and temperature are integrated directly into the
output MOSFET for maximum accuracy and dependability.
MCU
INTERFACE
33931
PROTECTION LOGIC CONTROL
COMMAND AND FAULT REGISTERS
GATE CONTROL LOGIC
CURRENT SENSE
VOLTAGE
REGULATION
TEMPERATURE
SENSE
CHARGE
PUMP
H-BRIDGE
OUTPUT DRIVERS
OUT1 - OUT2
ANALOG CONTROL AND PROTECTION
PWM CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com