Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC20 Datasheet(PDF) 71 Page - Motorola, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC20 Datasheet(HTML) 71 Page - Motorola, Inc

Back Button MC68331MFC20 Datasheet HTML 67Page - Motorola, Inc MC68331MFC20 Datasheet HTML 68Page - Motorola, Inc MC68331MFC20 Datasheet HTML 69Page - Motorola, Inc MC68331MFC20 Datasheet HTML 70Page - Motorola, Inc MC68331MFC20 Datasheet HTML 71Page - Motorola, Inc MC68331MFC20 Datasheet HTML 72Page - Motorola, Inc MC68331MFC20 Datasheet HTML 73Page - Motorola, Inc MC68331MFC20 Datasheet HTML 74Page - Motorola, Inc MC68331MFC20 Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
MC68331TS/D
71
Y = M111, where M is the logic state of the modmap (MM) bit in SIMCR.
6.2 Capture/Compare Unit
The capture/compare unit features three input capture channels, four output compare channels, and
one input capture/output compare channel (function selected by control register). These channels share
a 16-bit free-running counter (TCNT), which derives its clock from seven stages of a 9-stage prescaler
or from external clock input PCLK. This section, which is similar to the timer found on the MC68HC11F1,
also contains one pulse accumulator channel. The pulse accumulator logic includes its own 8-bit
counter and can operate in either event counting mode or gated time accumulation mode. Refer to the
following block diagrams of the GPT timer and prescaler.
Table 26 GPT Address Map
Access
Address
15
8
7
0
S
$YFF900
GPT MODULE CONFIGURATION (GPTMCR)
S
$YFF902
(RESERVED FOR TEST)
S
$YFF904
INTERRUPT CONFIGURATION (ICR)
U
$YFF906
PGP DATA DIRECTION (DDRGP)
PGP DATA (PORTGP)
U
$YFF908
OC1 ACTION MASK (OC1M)
OC1 ACTION DATA (OC1D)
U
$YFF90A
TIMER COUNTER (TCNT)
U
$YFF90C
PA CONTROL (PACTL)
PA COUNTER (PACNT)
U
$YFF90E
INPUT CAPTURE 1 (TIC1)
U
$YFF910
INPUT CAPTURE 2 (TIC2)
U
$YFF912
INPUT CAPTURE 3 (TIC3)
U
$YFF914
OUTPUT COMPARE 1 (TOC1)
U
$YFF916
OUTPUT COMPARE 2 (TOC2)
U
$YFF918
OUTPUT COMPARE 3 (TOC3)
U
$YFF91A
OUTPUT COMPARE 4 (TOC4)
U
$YFF91C
INPUT CAPTURE 4/OUTPUT COMPARE 5 (TI4/O5)
U
$YFF91E
TIMER CONTROL 1 (TCTL1)
TIMER CONTROL 2 (TCTL2)
U
$YFF920
TIMER MASK 1 (TMSK1)
TIMER MASK 2 (TMSK2)
U
$YFF922
TIMER FLAG 1 (TFLG1)
TIMER FLAG 2 (TFLG2)
U
$YFF924
FORCE COMPARE (CFORC)
PWM CONTROL C (PWMC)
U
$YFF926
PWM CONTROL A (PWMA)
PWM CONTROL B (PWMB)
U
$YFF928
PWM COUNT (PWMCNT)
U
$YFF92A
PWMA BUFFER (PWMBUFA)
PWMB BUFFER (PWMBUFB)
U
$YFF92C
GPT PRESCALER (PRESCL)
$YFF92E–
$YFF93F
NOT USED
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com